công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83867CS bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DP83867CS
Giải thích chi tiết về linh kiện  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 15Page - Texas Instruments DP83867CS Datasheet HTML 16Page - Texas Instruments DP83867CS Datasheet HTML 17Page - Texas Instruments DP83867CS Datasheet HTML 18Page - Texas Instruments DP83867CS Datasheet HTML 19Page - Texas Instruments DP83867CS Datasheet HTML 20Page - Texas Instruments DP83867CS Datasheet HTML 21Page - Texas Instruments DP83867CS Datasheet HTML 22Page - Texas Instruments DP83867CS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 114 page
background image
DEST * 16
DEST (6 bytes)
SRC (6 bytes)
MISC (X bytes, X >= 0)
))« )) (6 bytes)
MISC (Y bytes, Y >= 0)
CRC (4 bytes)
MAGIC pattern
SecureOn Password (6 bytes)
Only if Secure-On is enabled
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
9.3 Feature Description
9.3.1 WoL (Wake on LAN) Packet Detection
Wake on LAN provides a mechanism for bringing the DP83867 out of a low-power state using a special Ethernet
packet, called a Magic Packet. The DP83867 can be configured to generate an interrupt to wake up the MAC
when a qualifying packet is received. An option is also available to generate a signal on a GPIO when a
qualifying signal is received.
The Wake on LAN feature includes the following functionality
•
Identification of magic packets in all supported speeds (1000BASE-T, 100BASE-TX, 10BASE-Te)
•
Wakeup interrupt generation upon receiving a valid magic packet
•
CRC checking of magic packets to prevent interrupt generation for invalid packets
In addition to the basic magic packet support, the DP83867 also supports:
•
Magic packets that include secure-on password
•
Pattern match – one configurable 64 byte pattern of that can wake up the MAC similar to magic packet
•
Independent configuration for Wake on Broadcast and Unicast packet types.
9.3.1.1 Magic Packet Structure
When configured for Magic Packet mode, the DP83867 scans all incoming frames addressed to the node for a
specific data sequence. This sequence identifies the frame as a Magic Packet frame. It should be noted that the
Magic Packet should be byte aligned.
A Magic Packet frame must also meet the basic requirements for the LAN technology chosen, such as SOURCE
ADDRESS, DESTINATION ADDRESS (which may be the receiving station’s IEEE address or a BROADCAST
address), and CRC.
The specific Magic Packet sequence consists of 16 duplications of the IEEE address of this node, with no breaks
or interruptions, followed by secure-on password if security is enabled. This sequence can be located anywhere
within the packet, but must be preceded by a synchronization stream. The synchronization stream is defined as 6
bytes of FFh.
Figure 9. Magic Packet Structure
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com