công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIX4192IPFB bảng dữ liệu(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DIX4192IPFB
Giải thích chi tiết về linh kiện  Integrated Digital Audio Interface Receiver and Transmitter
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192IPFB bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 10Page - Texas Instruments DIX4192IPFB Datasheet HTML 11Page - Texas Instruments DIX4192IPFB Datasheet HTML 12Page - Texas Instruments DIX4192IPFB Datasheet HTML 13Page - Texas Instruments DIX4192IPFB Datasheet HTML 14Page - Texas Instruments DIX4192IPFB Datasheet HTML 15Page - Texas Instruments DIX4192IPFB Datasheet HTML 16Page - Texas Instruments DIX4192IPFB Datasheet HTML 17Page - Texas Instruments DIX4192IPFB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
Master
Clock
Source
Master
Mo e
d
Clock
Generation
Serial
Input
Serial
Output
MC K
L
RXCKI
RXCKO
Audio Data
InternalClocks
OUTS[1:0]
MU E
T
F T[1:
M
0]
M/S
DIV1:
[ 0]
CLK1:
[ 0]
SDN
I A (pin39)or SDINB(pin4 )
6
LRCKA (pin3 )or
8
LRCKB( i 47)
p n
BCKA(pin37)orBCKB(pin48)
SDOUTA (pin40)or SDOUTB(pin45)
Daa
t
Source
PortA
PortB
DIR
DIX4192
SBFS031D – JANUARY 2006 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
9.3.3 Audio Serial Port Operation
The DIX4192 includes two audio serial ports, Port A and Port B. Both ports are 4-wire synchronous serial
interfaces, supporting simultaneous input and output operation. Because each port has only one pair of left or
right word and bit clocks, the input and output sampling rates are identical. A simplified block diagram is shown in
Figure 7.
The audio serial ports may be operated at sampling rates up to 216 kHz, and support audio data word lengths up
to 24 bits. Philips I2S, Left-Justified, and Right-Justified serial data formats are supported. Refer to Figure 8.
The left or right word clock (LRCKA or LRCKB) and the bit clock (BCKA or BCKB) may be configured for either
Master or Slave mode operation. In Master mode, these clocks are outputs, derived from the selected master
clock source using internal clock dividers. The master clock source may be 128, 256, 384, or 512 times the audio
input/output sampling rate, with the clock divider being selected using control register bits for each port. In Slave
mode the left or right word and bit clocks are inputs, and are sourced from an external audio device acting as the
serial bus master.
The LRCKA or LRCKB clocks operate at the input and output sampling rate, fS. The BCKA and BCKB clock rates
are fixed at 64 times the left or right word clock rate in Master mode. For Slave mode, the minimum BCKA and
BCKB clock rate is determined by the audio data word length multiplied by two, because there are two audio
data channels per left or right word clock period. For example, if the audio data word length is 24 bits, the bit
clock rate must be at least 48 times the left or right word clock rate, allowing one bit clock period for each data bit
in the serial bit stream.
Serial audio data is clocked into the port on the rising edge of the bit clock, while data is clocked out of the port
on the falling edge of the bit clock. Refer to the Audio Serial Ports section of the Electrical Characteristics table
for parametric information and Figure 1 for a timing diagram related to audio serial port operation.
The audio serial ports are configured using control registers 0x03 through 0x06. Refer to Control Registers for
descriptions of the control register bits.
Figure 7. Audio Serial Port Block Diagram
14
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: DIX4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com