công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIX4192IPFB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DIX4192IPFB
Giải thích chi tiết về linh kiện  Integrated Digital Audio Interface Receiver and Transmitter
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192IPFB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  DIX4192IPFB Datasheet HTML 1Page - Texas Instruments DIX4192IPFB Datasheet HTML 2Page - Texas Instruments DIX4192IPFB Datasheet HTML 3Page - Texas Instruments DIX4192IPFB Datasheet HTML 4Page - Texas Instruments DIX4192IPFB Datasheet HTML 5Page - Texas Instruments DIX4192IPFB Datasheet HTML 6Page - Texas Instruments DIX4192IPFB Datasheet HTML 7Page - Texas Instruments DIX4192IPFB Datasheet HTML 8Page - Texas Instruments DIX4192IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
S/PDIF
IN
DIX4192
DSP
x4
S/PDIF
OUT
PCM x1
GPO/INT
I2C
x1
PCM5242
PCM x1
TPA6120A2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DIX4192
SBFS031D – JANUARY 2006 – REVISED JANUARY 2016
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
1 Features
•
Small TQFP-48 Package, Compatible With the
SRC4382 and SRC4392
1
•
Digital Audio Interface Transmitter (DIT)
–
Supports Sampling Rates Up to 216 kHz
2 Applications
–
Includes Differential Line Driver and
•
Digital Audio Recorders and Mixing Desks
CMOS-Buffered Outputs
•
Digital Audio Interfaces for Computers
–
Block-Sized Data Buffers for Both Channel
•
Digital Audio Routers and Distribution Systems
Status and User Data
•
Broadcast Studio Equipment
–
Status Registers and Interrupt Generation for
•
DVD and CD Recorders
Flag and Error Conditions
•
Surround Sound Decoders and A/V Receivers
•
Digital Audio Interface Receiver (DIR)
•
Car Audio Systems
–
PLL Lock Range Includes Sampling Rates
from 20 kHz to 216 kHz
3 Description
–
Includes Four Differential-Input Line Receivers
The DIX4192 device is a highly-integrated CMOS
and an Input Multiplexer
device
designed
for
use
in
professional
and
–
Bypass Multiplexer Routes Line Receiver
broadcast
digital
audio
systems.
The
DIX4192
Outputs to Line Driver and Buffer Outputs
combines a digital audio interface receiver (DIR) and
–
Block-Sized Data Buffers for Both Channel
transmitter (DIT), two audio serial ports, and flexible
distribution logic for interconnection of the function
Status and User Data
block data and clocks.
–
Automatic Detection of Non-PCM Audio
Streams (DTS CD/LD and IEC 61937 formats)
The DIR and DIT are compatible with the AES3,
S/PDIF, IEC 60958, and EIAJ CP-1201 interface
–
Audio CD Q-Channel Sub-Code Decoding and
standards. The audio serial ports and DIT may be
Data Buffer
operated at sampling rates up to 216 kHz. The DIR
–
Status Registers and Interrupt Generation for
lock range includes sampling rates from 20 kHz to
Flag and Error Conditions
216 kHz.
–
Low Jitter Recovered Clock Output
Device Information(1)
•
User-Selectable Serial Host Interface: SPI™ or
PART NUMBER
PACKAGE
BODY SIZE (NOM)
I2C
DIX4192
TQFP (48)
7.00 mm × 7.00 mm
–
Provides Access to On-Chip Registers and
Data Buffers
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Two Audio Serial Ports (Ports A and B)
–
Synchronous Serial Interface to External
DIX4192 Typical Application
Signal Processors, Data Converters, and Logic
–
Slave or Master Mode Operation With
Sampling Rates Up to 216 kHz
–
Supports Left-Justified, Right-Justified, and
Philips I2S™ Data Formats
–
Supports Audio Data Word Lengths Up to
24 Bits
•
Four General-Purpose Digital Outputs
–
Multifunction Programmable Through Control
Registers
•
Extensive Power-Down Support
–
Functional Blocks May Be Disabled
Individually When Not In Use
•
Operates From 1.8-V Core and 3.3-V I/O Power
Supplies
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - DIX4192IPFB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DIX4192IPFB TI2-DIX4192IPFB Datasheet
1Mb / 71P
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
REVISED SEPTEMBER 2016
DIX4192IPFB.A TI2-DIX4192IPFB.A Datasheet
1Mb / 71P
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
REVISED SEPTEMBER 2016
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192IPFBR BURR-BROWN-DIX4192IPFBR Datasheet
806Kb / 60P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192IPFBR TI2-DIX4192IPFBR Datasheet
1Mb / 71P
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
REVISED SEPTEMBER 2016
More results

Mô tả tương tự - DIX4192IPFB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com