| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT9079AC bảng dữ liệu(PDF) 44 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT9079AC bảng dữ liệu(HTML) 44 Page - Mitel Networks Corporation |
|
44 / 54 page ![]() MT9079 4-280 receive span will not be masked on the transmit span even though the maintenance channel has been modified. The RxMF signal must be associated with the CRC-4 multiframe (control bit MFSEL = 1), and RxMF of the receive trunk must be connected to TxMF of the transmit trunk. The data delay time (DSTo to DSTi) and the TxMF to RxMF delay must be equal. Therefore, a m + 1 frame delay circuit is added to the TxMF to RxMF connection (where: m is the delay in basic frames through the Digital Cross-Connect Matrix). It should be noted that in the TxMF to RxMF operation is only valid when the C4i/C2i input of MT9079 devices is driven by a C4 clock signal. Fibre Interface Figure 16 shows how the MT9079 can be employed to a fibre optic transmission system. The MT9079 control bits COD1-0 must be set to 01 to select Non-Return to Zero (NRZ) operation. NRZ data is manchester encoded and converted to a light signal, which is transmitted down the fibre optic cable. On the receive side the light signal is detected and converted to an electrical signal, which is passed to a manchester decoder. The manchester decoder generates the receive NRZ signal and a receive clock. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |