công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9079AC bảng dữ liệu(PDF) 9 Page - Mitel Networks Corporation

tên linh kiện MT9079AC
Giải thích chi tiết về linh kiện  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC bảng dữ liệu(HTML) 9 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 5Page - Mitel Networks Corporation MT9079AC Datasheet HTML 6Page - Mitel Networks Corporation MT9079AC Datasheet HTML 7Page - Mitel Networks Corporation MT9079AC Datasheet HTML 8Page - Mitel Networks Corporation MT9079AC Datasheet HTML 9Page - Mitel Networks Corporation MT9079AC Datasheet HTML 10Page - Mitel Networks Corporation MT9079AC Datasheet HTML 11Page - Mitel Networks Corporation MT9079AC Datasheet HTML 12Page - Mitel Networks Corporation MT9079AC Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
MT9079
4-245
don't care, CAR data D7 - D0 = page number).
Second, each page has a maximum of 16 registers
that are addressed on a read or write to a non-CAR
address (non-CAR: address AC4 = 1, AC3-AC0 =
register address, D7-D0 = data). Once a page of
memory is selected, it is only necessary to write to
the CAR when a different page is to be accessed.
See Figure 17 for timing requirements.
Communications between a serial controller and
MT9079
is
a
two
byte
operations.
First,
a
Command/Address byte selects the address and
operation that follows. That is, the R/W bit selects a
read or write function and A4 determines if the next
byte is a new memory page address (A4 = 0) or a
data transfer within the current memory page (A4 =
1). The second byte is either a new memory page
address (when A4 = 0) or a data byte (when A4 = 1).
This is illustrated as follows:
a) Command/Address byte -
where:
R/W
- read or write operation,
X
- no function,
A4 = 0 - new memory page address to follow,
A4 = 1 - data byte to follow, and
A3-A0 - determines the byte address.
R/W
XX
A4
A3
A2
A1
A0
b) Page address or data byte -
See Figures 18 and 19 for timing requirements.
Register Access and Locations
Table 2 associates the MT9079 control and status
pages with access and page descriptions, as well as
an ST-BUS stream. When ST-BUS access mode is
used, each page contains 16 registers that are
associated consecutively with the first or second 16
channels of each ST-BUS stream. That is, page 1
register locations 10000 to 11111 appear on CSTi0
time slots 0 to 15, and page
2 register locations
10000 to 11111 appear on CSTi0 time slots 16 to 31.
It should be noted that access to the transmit and
receive circular buffers is not supported in ST-BUS
mode.
Common ST-BUS Streams
There are several control and
status
ST-BUS
streams that are common to all modes. CSTo1
contains the received channel associated signalling
bits (e.g., CCITT R1 and R2 signalling), and when
control bit RPSIG = 0, CSTi2 is used to control the
transmit channel associated signalling. DSTi and
DSTo contain the transmit and receive voice and
digital data. Figures 4a, b and c illustrate the relative
D7
D6
D5
D4
D3
D2
D1
D0
Page Address
D7 - D0
Register Description
Processor/
Controller
Access
ST-BUS
Access
00000001
Master
Control
R/W
CSTi0
00000010
R/W
00000011
Master
Status
RCSTo0
00000100
R/W
00000101
Per Channel Transmit Signalling
R/W
CSTi2
00000110
Per Channel Receive Signalling
R
CSTo1
00000111
Per Time Slot
Control
R/W
CSTi1
00001000
R/W
00001001
Transmit Circular Buffer Zero
R/W
---
00001010
Transmit Circular Buffer One
R/W
---
00001011
Receive Circular Buffer Zero
R
---
00001100
Receive Circular Buffer One
R
---
00001101
Transmit National Bit Buffer
R/W
---
00001110
Receive National Bit Buffer
R
---
Table 2 - Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com