công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9079AC bảng dữ liệu(PDF) 32 Page - Mitel Networks Corporation

tên linh kiện MT9079AC
Giải thích chi tiết về linh kiện  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC bảng dữ liệu(HTML) 32 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 28Page - Mitel Networks Corporation MT9079AC Datasheet HTML 29Page - Mitel Networks Corporation MT9079AC Datasheet HTML 30Page - Mitel Networks Corporation MT9079AC Datasheet HTML 31Page - Mitel Networks Corporation MT9079AC Datasheet HTML 32Page - Mitel Networks Corporation MT9079AC Datasheet HTML 33Page - Mitel Networks Corporation MT9079AC Datasheet HTML 34Page - Mitel Networks Corporation MT9079AC Datasheet HTML 35Page - Mitel Networks Corporation MT9079AC Datasheet HTML 36Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
MT9079
4-268
Bit
Name
Functional Description
7START0
(0)
Start Receive Circular Buffer Zero. If
one, circular buffer zero will start to
accumulate data when a mismatch is
made between the selected received
data and the data of the code detect
word. If zero, this feature is disabled.
6START0
(0)
Start Receive Circular Buffer Zero. If
one, circular buffer zero will start to
accumulate data when a positive
match is made between the selected
received data and the data of the
code detect word. If zero, this feature
is disabled.
5START1
(0)
Start Receive Circular Buffer One. If
one, circular buffer one will start to
accumulate data when a mismatch is
made between the selected received
data and the data of the code detect
word. If zero, this feature is disabled.
4START1
(0)
Start Receive Circular Buffer One. If
one, circular buffer one will start to
accumulate data when a positive
match is made between the selected
received data and the data of the
code detect word. If zero, this feature
is disabled.
3STOP0
(0)
Stop Receive Circular Buffer Zero. If
one, circular buffer zero will stop
accumulating data when a mismatch
is
made
between
the
selected
received data and the data of the
code detect word. If zero, this feature
is disabled.
2STOP0
(0)
Stop Receive Circular Buffer Zero. If
one, circular buffer zero will stop
accumulating data when a positive
match is made between the selected
received data and the data of the
code detect word. If zero, this feature
is disabled.
1STOP1
(0)
Stop Receive Circular Buffer One. If
one, circular buffer one will stop
accumulating data when a mismatch
is
made
between
the
selected
received data and the data of the
code detect word. If zero, this feature
is disabled.
0STOP1
(0)
Stop Receive Circular Buffer One. If
one, circular buffer one will stop
accumulating data when a positive
match is made between the selected
received data and the data of the
code detect word. If zero, this feature
is disabled.
Table 42 - Circular Buffer Accumulate Control
Word (Page 2, Address 12H)
Bit
Name
Functional Description
7 - 6
---
Unused.
5
LDCRC
(0)
CRC-4 Error Load
Word. Data is
loaded into the CRC-4 Error counter
when this bit is changed from low to
high.
4LDEC
(0)
E-bit Error Load Word.
Data
is
loaded into the E-bit Error counter
when this bit is changed from low to
high.
3
LDBPV
(0)
Bipolar Violation Load Word. Data is
loaded into the Bipolar Violation
counter when this bit is changed from
low to high.
2
LDEF
(0)
Errored
Frame
Alignment
Load
Word. Data is loaded into the Errored
Frame Alignment counter when this
bit is changed from low to high.
1LDRC
(0)
RAI and Continuous CRC Error Load
Word. Data is loaded into the RAI
and Continuous CRC Error counter
when this bit is changed from low to
high.
0
LDBER
(0)
Bit Error Rate Load Word. Data is
loaded into the eight bit BER counter
when this bit is changed from low to
high.
Table 43 - Counter Load Control Word
(Page 2, Address 15H)
(Valid in ST-BUS mode only)
Bit
Name
Functional Description
7 - 0
BRLD7
-
BRLD0
Bit Error Rate Load Word. This bit
pattern is loaded into the bit error
rate counter when LDBER is toggled
(valid in ST-BUS mode only).
Table 44 - Bit Error Rate Load Word
(Page 2, Address 18H)
Bit
Name
Functional Description
7 - 0
RCLD7
-
RCLD0
RAI and Continuous CRC Error Load
Word. This bit pattern is loaded into
the RAI and continuous CRC error
counter when LDRC is toggled (valid
in ST-BUS mode only).
Table 45 - RAI and Continuous CRC Error Counter
Load Word (Page 2, Address 19H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com