công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9079AC bảng dữ liệu(PDF) 36 Page - Mitel Networks Corporation

tên linh kiện MT9079AC
Giải thích chi tiết về linh kiện  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC bảng dữ liệu(HTML) 36 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 32Page - Mitel Networks Corporation MT9079AC Datasheet HTML 33Page - Mitel Networks Corporation MT9079AC Datasheet HTML 34Page - Mitel Networks Corporation MT9079AC Datasheet HTML 35Page - Mitel Networks Corporation MT9079AC Datasheet HTML 36Page - Mitel Networks Corporation MT9079AC Datasheet HTML 37Page - Mitel Networks Corporation MT9079AC Datasheet HTML 38Page - Mitel Networks Corporation MT9079AC Datasheet HTML 39Page - Mitel Networks Corporation MT9079AC Datasheet HTML 40Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
MT9079
4-272
4
LOSS
Loss of Signal Status Indication. If
one, indicates the presence of a loss
of signal condition. If zero, indicates
normal operation. A loss of signal
condition occurs when there is an
absence of the receive PCM 30 sig-
nal for 255 contiguous pulse (bit)
positions
from
the
last
received
pulse. A loss of signal condition ter-
minates when an average ones den-
sity of at least 12.5% has been
received over a period of 255 contig-
uous pulse positions starting with a
pulse.
3
AIS16S
Alarm Indication Signal 16 Status. If
one, indicates an all ones alarm is
being received in channel 16. If zero,
normal operation. Updated on a
frame basis.
2
AISS
Alarm Indication Status Signal. If
one, indicates that a valid AIS or all
ones signal is being received. If zero,
indicates that a valid AIS signal is not
being received. The criteria for AIS
detection is determined by the con-
trol bit ASEL.
1
RAIS
Remote Alarm Indication Status. If
one, there is currently a remote alarm
condition. If zero, normal operation.
Updated on a non-frame alignment
frame basis.
0
RCRS
RAI and Continuous CRC Error Sta-
tus. If one, there is currently an RAI
and continuous CRC error condition.
If zero, normal operation. Updated on
a submultiframe basis.
Bit
Name
Functional Description
Table 58 - Alarm Status Word One
(Page 3, Address 19H) (continued)
Status Page 4
Tables 59 to 66 describe the bit functions of the page 4
status registers and counters.
The Internal Vector
Status Word is cleared automatically after it is read by
the microprocessor. The RESET and RST functions
do not affect the page 4 counters.
Therefore,
individual counters must be initialized to a starting
value by a write operation or a counter load operation
(Table 43) in ST-BUS control mode. When presetting
or clearing the BPV counter, BPV7-BPV0 should be
written to first, and BPV15-BPV8 should be written to
last.
Bit
Name
Functional Description
7 - 0
IV7
-
IV0
Interrupt Vector Bits 7 to 0. The inter-
rupt vector status word contains an
interrupt vector that indicates the cat-
egory of the last interrupt. See the
section on interrupts.
Table 59 - Interrupt Vector Status Word
(Page 4, Address 12H)
Bit
Name
Functional Description
7 - 0
BR7
-
BR0
Bit Error Rate Counter. An eight bit
counter that contains the total num-
ber of bit errors received in a specific
time slot. See the
BFAS control bit
function of page 1, address 1AH.
Table 60 - Bit Error Rate Counter
(Page 4, Address 18H)
Bit
Name
Functional Description
7 - 0
RCRC7
-
RCRC0
RAI
and
Continuous
CRC
Error
Counter. An 8 bit counter that is
incremented once for every concur-
rent occurrence of the receive RAI
equal to one and either E-bit equal to
zero. Updated on a multiframe basis.
Table 61 - RAI and Continuous CRC Error Counter
(Page 4, Address 19H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com