công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HP203B bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện HP203B
Giải thích chi tiết về linh kiện  PRECISION BAROMETER AND ALTIMETER SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

HP203B bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HP203B Datasheet HTML 5Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 6Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 7Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 8Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 9Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 10Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 11Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 12Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DataSheet
HP203B
HP203B_DataSheet_EN_V2.0
www.hoperf.com
9 / 18
5.2 I²C Device and Register Address
The I²C device address is shown below. The LSB of the device address is determined by the status of
the CSB pin:
CSB PIN=0: corresponding to address 0XEE (write) and 0XEF (read).
CSB PIN=1: corresponding to address 0XEC (write) and 0XED (read).
A7
A6
A5
A4
A3
A2
A1
W/R
1
1
1
0
1
1
CSB =0 : 1
0/1
CSB =1 : 0
5.3 I²C Protocol
The 1
st TYPE: the host issuing a single byte command to the device
The host shall issue the Device Address (ID) followed by a Write Bit before sending a Command byte.
The device will reply an ACK after it received a correct SOFT_RST command.
1
1
1
0
1
1
/CS
B
0
0
0
0
0
0
0
1
1
0
0
S
Device Address
W
A
Command
A
P
The 2nd TYPE: the host writing a register inside the device
The host shall issue the Device Address (ID) followed by a Write Bit before sending a command byte
and a data byte. This format only applies while the user wants to send the WRITE_REG command.
1 1 1 0 1 1 /CSB 0 0 1 1 0 0 1 0 1 0 0 0 0 0 0 0 1 1 0 0
S
Device Address W A
Command
A
Data
A P
The 3rd TYPE: the host reading a register from the device
In this activity there are two frames that are sent separately. The first frame is to send the
READ_REG command which contains a 2-bit binary number of 10 followed by a 6-bit register
address. The format of the first frame is identical to the 1
st type activity. In the second frame, the
device will send back the register data after receiving the correct device address followed by a read
bit. This format only applies while the user wants to use the READ_REG command.
1 1 1 0 1 1 /CSB 0
0 1 0 0 0 0 1 1 0
0
S
Device Address
W
A
Command
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com