công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HP203B bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện HP203B
Giải thích chi tiết về linh kiện  PRECISION BAROMETER AND ALTIMETER SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

HP203B bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  HP203B Datasheet HTML 1Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 2Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 3Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 4Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 5Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 6Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 7Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 8Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DataSheet
HP203B
3.4 Sensor Output Conversion
For each pressure measurement, the temperature is always being measured prior to pressure
measurement automatically, while the temperature measurement can be done individually. The
conversion results are stored into the embedded memories that retain their contents when the device
is in the sleep state.
The conversion time depends on the value of the OSR parameter sent to the device within the
ADC_CVT command. Six options of the OSR can be chosen, range from 128, 256 … to 4096. The
below table shows the conversion time according to the different values of OSR:
Table 5: Conversion Time VS OSR
OSR
Conversion Time (ms)
Temperature
Temperature and
Pressure (or ltitude)
128
2.1
4.1
256
4.1
8.2
512
8.2
16.4
1024
16.4
32.8
2048
32.8
65.6
4096
65.6
131.1
The higher OSR will normally achieve higher measuring precision, but consume more time and
power.
The conversion results can be compensated or uncompensated. The user can enable/disable
the compensation by setting the PARA register before performing the conversions.
3.5 Altitude Computation
The device can compute the altitude according to the measured pressure and temperature. The
altitude value is updated and available to read as soon as the temperature and pressure
measurement is done.
4. Access Modes & Commands
4.1 Operation Flow
During each power-up/reset cycle, the device will only perform one calibration. After that it will enter
the SLEEP state waiting for any incoming commands. It will take actions after receiving different
proper commands, and re-enters the SLEEP state when it finishes the jobs.
4.2 Command
The Command Set (Table 6) allows the user to control the device to perform the measuring, results
reading and the miscellaneous normal operations.
HP203B_DataSheet_EN_V2.0
www.hoperf.com
5 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com