công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HP203B bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện HP203B
Giải thích chi tiết về linh kiện  PRECISION BAROMETER AND ALTIMETER SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

HP203B bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  HP203B Datasheet HTML 1Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 2Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 3Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 4Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 5Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 6Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 7Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 8Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DataSheet
HP203B
1.Block Diagram
Figure 1: Functional block diagram
2. Mechanical and Electrical Specifications
2.1 Pressure and Temperature Characteristics
Table1: Pressure Output Characteristics @ VDD = 3.0V, T = 25
℃ unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ. Max
Unit
Pressure Measurement
Range
PFS
300
1200
mbar
Pressure Absolute
Accuracy
700 to 1100 mbar From 0
℃ to 50℃ -1.5
+1.5
mbar
700 to 1100 mbar From -20
℃ to 70℃ -3
+3
mbar
Pressure Relative
Accuracy
700 to 1100 mbar at 25
±0.5
mbar
700 to 1100 mbar From 0
℃ to 50℃
±1.5
Max Error with Power
Supply
Power supply from 1.8V to 3.6V
-2.5
+2.5
mbar
Pressure/Altitude
Resolution
Pressure Mode
0.01
mbar
Altimeter Mode
10
cm
Board Mount Drift
After solder reflow
±0.5
mbar
Long Term Drift
After a period of 1 year
±1.5
mbar
Reflow soldering impact
IPC/JEDEC J-STD-020C
+0.5
mbar
HP203B_DataSheet_EN_V2.0
www.hoperf.com
2 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com