công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HP203B bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện HP203B
Giải thích chi tiết về linh kiện  PRECISION BAROMETER AND ALTIMETER SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

HP203B bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  HP203B Datasheet HTML 1Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 2Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 3Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 4Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 5Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 6Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 7Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 8Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DataSheet
HP203B
HP203B_DataSheet_EN_V2.0
www.hoperf.com
3 / 18
Table2: Temperature Output Characteristics @ VDD = 3.0V, T = 25°C unless otherwise note
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operation Temperature
Range
TOP
-40
85
Temperature Absolute
Accuracy
25
±0.3
±0.5
-10
℃ to + 70℃
±0.6
±1.0
-40
℃ to + 85℃
±1.0
±3.0
Max Error with Power
Power supply from 1.8V to 3.6V
±0.5
Temperature Resolution of
Output Data
0.01
2.2 Electrical Characteristics
Table3: DC Characteristics @VDD=3 V, T=25
℃ unless otherwise note
Parameter
Symbol
Conditions
Min
Typ. Max
Unit
Operation Supply Voltage
VDD
1.8
3.0
3.6
V
Operation Temperature
TOP
-40
85
Average Operation Current
(Pressure Measurement
under One Conversion per
Second)
IDDAVP
OSR*
4096
91.8
μA
2048
45.9
1024
22.9
512
11.4
256
5.7
128
2.9
Average Operation Current
(Temperature
measurement under One
Conversion per Second)
IDDAVT
OSR*
4096
75.4
μA
2048
37.7
1024
18.8
512
9.4
256
4.7
128
2.4
Conversion Time of
Pressure or Temperature
tCONV
OSR*
4096
65.6
78.7
ms
2048
32.8
39.4
1024
16.4
19.7
512
8.2
9.8
256
4.1
4.9
128
2.1
2.5
Peak Current
IPEAK
During conversion
1.3
mA
Standby Supply Current
IDDSTB
At 25
0.1
μA
Serial Data Clock
Frequency
fSCLK
I
2C protocol, pull-up resistor of 10k
100
400
kHz
Digital Input High Voltage
VIH
0.8
VDD
Digital Input Low Voltage
VIL
0.2
VDD
Digital Output High Voltage
VOH
IO = 0.5 mA
0.9
VDD
Digital Output Low Voltage
VOL
IO = 0.5 mA
0.1
VDD
Input Capacitance
CIN
4.7
uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com