công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HP203B bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện HP203B
Giải thích chi tiết về linh kiện  PRECISION BAROMETER AND ALTIMETER SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

HP203B bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HP203B Datasheet HTML 6Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 7Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 8Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 9Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 10Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 11Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 12Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 13Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DataSheet
HP203B
1
1
1
0
1
1
/CS
B
1
0
1
0
0
1
0
1
1
0
1
S
Device Address
R
A
Data
N
P
The 4th type: the host reading the 3-byte or 6-byte ADC data from the device
In this activity there are two frames that are sent separately. The first frame is identical to sending a
single command, which can be one of the conversion result reading commands. In the second frame,
the device will send back the ADC data (either 3 bytes or 6 bytes depending on the commands) after
receiving the correct Device Address followed by a Read Bit.
1
1
1
0
1
1 /CSB 0
0
0
0
0
0
0
1
1
0
0
S
Device Address
W
A
Command
A
P
1 1 1 0 1 1 //CSB 1 0 0 1 0 0 0 1 1 0 0
S
Device Address
R A
Data Byte 6 or 3
A
HP203B_DataSheet_EN_V2.0
www.hoperf.com
10 / 18
From Host
From Chip
S
Start Bit
P
Stop Bit
W Write
R
Read
A
ACK
N
NACK
CSB
Sensor CSB PIN
0
0
1
1
0
1
0
0
1
Data Byte 0
N P
Bit Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com