| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM385 bảng dữ liệu(PDF) 90 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 bảng dữ liệu(HTML) 90 Page - Texas Instruments |
|
90 / 281 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com 3.3.19 SPI 3.3.19.1 SPI 0 Table 3-41. SPI 0 Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] SPI[0]_D[0] SPI Data I/O. Can be configured as either MISO or I/O J28 MOSI. SPI[0]_D[1] SPI Data I/O. Can be configured as either MISO or I/O J27 MOSI. SPI[0]_SCLK SPI Clock I/O I/O N24 SPI[0]_SCS[0] SPI Chip Select I/O I/O G29 SPI[0]_SCS[1] SPI Chip Select I/O I/O G28 SPI[0]_SCS[2] SPI Chip Select I/O I/O E29 SPI[0]_SCS[3] SPI Chip Select I/O I/O E31 3.3.19.2 SPI 1 Table 3-42. SPI 1 Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] SPI[1]_D[0] SPI Data I/O. Can be configured as either MISO or I/O N23 MOSI. SPI[1]_D[1] SPI Data I/O. Can be configured as either MISO or I/O M27 MOSI. SPI[1]_SCLK SPI Clock I/O I/O M29 SPI[1]_SCS[0] SPI Chip Select I/O I/O J29 SPI[1]_SCS[1] SPI Chip Select I/O I/O U28 SPI[1]_SCS[2] SPI Chip Select I/O I/O D31 SPI[1]_SCS[3] SPI Chip Select I/O I/O D30 3.3.19.3 SPI 2 Table 3-43. SPI 2 Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] SPI[2]_D[0] SPI Data I/O. Can be configured as either MISO or I/O AK6, M8, N1 MOSI. SPI[2]_D[1] SPI Data I/O. Can be configured as either MISO or I/O AL6, L6, N2 MOSI. SPI[2]_SCLK SPI Clock I/O I/O AJ6, L4, R8 SPI[2]_SCS[0] SPI Chip Select I/O I/O AF2 SPI[2]_SCS[1] SPI Chip Select I/O I/O N9 SPI[2]_SCS[2] SPI Chip Select I/O I/O L2 SPI[2]_SCS[3] SPI Chip Select I/O I/O AK5 3.3.19.4 SPI 3 Table 3-44. SPI 3 Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] SPI[3]_D[0] SPI Data I/O. Can be configured as either MISO or I/O A5, F5, M10 MOSI. SPI[3]_D[1] SPI Data I/O. Can be configured as either MISO or I/O A6, E2, L12 MOSI. 90 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |