| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM385 bảng dữ liệu(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 bảng dữ liệu(HTML) 53 Page - Texas Instruments |
|
53 / 281 page ![]() DM385, DM388 www.ti.com SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 Table 3-11. Ball Characteristics (AAR Package) (continued) BALL PINCNTL PINCNTL BALL MODE RESET BUFFER BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] REGISTER NAME DEFAULT TYPE [7] DSIS [8] RESET POWER [11] HYS [12] [6] REL. TYPE [13] AND ADDRESS[4] VALUE[5] STATE [9] STATE [10] B18 VIN[0]A_D[0] VIN[0]A_D[0] PINCNTL140 / 0x000C 0000 0x01 I PIN L L DVDD 0x4814 0A2C GP1[11] 0x80 I/O PIN A17 VIN[0]A_D[1] VIN[0]A_D[1] PINCNTL141 / 0x000C 0000 0x01 I PIN L L DVDD 0x4814 0A30 GP1[12] 0x80 I/O PIN B17 VIN[0]A_D[2] VIN[0]A_D[2] PINCNTL142 / 0x000C 0000 0x01 I PIN L L DVDD 0x4814 0A34 GP2[7] 0x80 I/O PIN C17 VIN[0]A_D[3] VIN[0]A_D[3] PINCNTL143 / 0x000C 0000 0x01 I PIN L L DVDD 0x4814 0A38 GP2[8] 0x80 I/O PIN D17 VIN[0]A_D[4] VIN[0]A_D[4] PINCNTL144 / 0x000C 0000 0x01 I PIN L L DVDD 0x4814 0A3C GP2[9] 0x80 I/O PIN F17 VIN[0]A_D[5] VIN[0]A_D[5] PINCNTL145 / 0x000C 0000 0x01 I PIN L L DVDD 0x4814 0A40 GP2[10] 0x80 I/O PIN L20 VIN[0]A_D[6] VIN[0]A_D[6] PINCNTL146 / 0x000C 0000 0x01 I PIN L L DVDD 0x4814 0A44 GP2[11] 0x80 I/O PIN H20 VIN[0]A_D[7] VIN[0]A_D[7] PINCNTL147 / 0x000C 0000 0x01 I PIN L L DVDD 0x4814 0A48 GP2[12] 0x80 I/O PIN K11 VIN[0]A_D[16] VIN[0]A_D[16] PINCNTL156 / 0x000E 0000 0x01 I PIN H H DVDD_C 0x4814 0A6C CAM_D[8] 0x02 I PIN I2C[2]_SCL 0x20 I/O 1 GP0[10] 0x80 I/O PIN E12 VIN[0]A_D[17] VIN[0]A_D[17] PINCNTL157 / 0x000C 0000 0x01 I PIN L L DVDD_C 0x4814 0A70 CAM_D[9] 0x02 I PIN EMAC[1]_RMRXER 0x08 I 0 GP0[11] 0x80 I/O PIN K10 VIN[0]A_D[18] VIN[0]A_D[18] PINCNTL158 / 0x000E 0000 0x01 I PIN H H DVDD_C 0x4814 0A74 CAM_D[10] 0x02 I PIN EMAC[1]_RMRXD[1] 0x08 I PIN I2C[3]_SCL 0x20 I/O 1 GP0[12] 0x80 I/O PIN D7 VIN[0]A_D[19] VIN[0]A_D[19] PINCNTL159 / 0x000E 0000 0x01 I PIN H H DVDD_C 0x4814 0A78 CAM_D[11] 0x02 I PIN EMAC[1]_RMRXD[0] 0x08 I PIN I2C[3]_SDA 0x20 I/O 1 GP0[13] 0x80 I/O PIN Copyright © 2013, Texas Instruments Incorporated Device Pins 53 Submit Documentation Feedback Product Folder Links: DM385 DM388 |