| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM385 bảng dữ liệu(PDF) 78 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 bảng dữ liệu(HTML) 78 Page - Texas Instruments |
|
78 / 281 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com Table 3-23. GP2 Terminal Functions (continued) SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] GP2[19] Interrupt-Capable General-Purpose Input/Output (I/O) I/O F13 GP2[20] Interrupt-Capable General-Purpose Input/Output (I/O) I/O H13 GP2[21] Interrupt-Capable General-Purpose Input/Output (I/O) I/O C20 GP2[22] Interrupt-Capable General-Purpose Input/Output (I/O) I/O F24 GP2[23] Interrupt-Capable General-Purpose Input/Output (I/O) I/O D21 GP2[24] Interrupt-Capable General-Purpose Input/Output (I/O) I/O C25 GP2[25] Interrupt-Capable General-Purpose Input/Output (I/O) I/O C26 GP2[26] Interrupt-Capable General-Purpose Input/Output (I/O) I/O C28 GP2[27] Interrupt-Capable General-Purpose Input/Output (I/O) I/O B28 GP2[28] Interrupt-Capable General-Purpose Input/Output (I/O) I/O D3 GP2[29] Interrupt-Capable General-Purpose Input/Output (I/O) I/O E2 GP2[30] Interrupt-Capable General-Purpose Input/Output (I/O) I/O F5 GP2[31] Interrupt-Capable General-Purpose Input/Output (I/O) I/O F1 3.3.9.4 GP3 Table 3-24. GP3 Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] GP3[0] Interrupt-Capable General-Purpose Input/Output (I/O) I/O F2 GP3[1] Interrupt-Capable General-Purpose Input/Output (I/O) I/O F3 GP3[2] Interrupt-Capable General-Purpose Input/Output (I/O) I/O G1 GP3[3] Interrupt-Capable General-Purpose Input/Output (I/O) I/O G2 GP3[4] Interrupt-Capable General-Purpose Input/Output (I/O) I/O H3 GP3[5] Interrupt-Capable General-Purpose Input/Output (I/O) I/O G3 GP3[6] Interrupt-Capable General-Purpose Input/Output (I/O) I/O H5 GP3[7] Interrupt-Capable General-Purpose Input/Output (I/O) I/O H6 GP3[8] Interrupt-Capable General-Purpose Input/Output (I/O) I/O J8 GP3[9] Interrupt-Capable General-Purpose Input/Output (I/O) I/O J1 GP3[10] Interrupt-Capable General-Purpose Input/Output (I/O) I/O H4 GP3[11] Interrupt-Capable General-Purpose Input/Output (I/O) I/O J9 GP3[12] Interrupt-Capable General-Purpose Input/Output (I/O) I/O L3 GP3[13] Interrupt-Capable General-Purpose Input/Output (I/O) I/O K1 GP3[14] Interrupt-Capable General-Purpose Input/Output (I/O) I/O H2 GP3[15] Interrupt-Capable General-Purpose Input/Output (I/O) I/O M11 GP3[16] Interrupt-Capable General-Purpose Input/Output (I/O) I/O L12 GP3[17] Interrupt-Capable General-Purpose Input/Output (I/O) I/O M10 GP3[18] Interrupt-Capable General-Purpose Input/Output (I/O) I/O J2 GP3[19] Interrupt-Capable General-Purpose Input/Output (I/O) I/O K2 GP3[20] Interrupt-Capable General-Purpose Input/Output (I/O) I/O L2 GP3[21] Interrupt-Capable General-Purpose Input/Output (I/O) I/O L4 GP3[22] Interrupt-Capable General-Purpose Input/Output (I/O) I/O L6 GP3[23] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AG4 GP3[24] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AH1 GP3[25] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AH2 GP3[26] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AJ2 GP3[27] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AK1 GP3[28] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AK2 78 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |