công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FT232H bảng dữ liệu(PDF) 55 Page - Future Technology Devices International Ltd.

tên linh kiện FT232H
Giải thích chi tiết về linh kiện  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FTDI [Future Technology Devices International Ltd.]
Trang chủ  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H bảng dữ liệu(HTML) 55 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 51Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 52Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 53Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 54Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 55Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 56Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 57Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 58Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 59Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
55
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
7
EEPROM Configuration
7.1 EEPROM Interface
The FT232H uses configuration data from an external EEPROM. The EEPROM must be 16 bits wide
(93LC56B) and powered from the same net as the core supply of +2.97 to +3.63 volts. Adding an
external (93LC56B) EEPROM allows the chip to be configured as a serial UART (RS232 mode), parallel
FIFO (245) mode, FT1248, fast serial (opto isolation) or CPU-Style FIFO.
Figure 7.1 EEPROM Interface
The external EEPROM can also be used to customise the USB VID, PID, Serial Number, Product
Description Strings and Power Descriptor value of the FT232H for OEM applications. Other parameters
controlled by the EEPROM include Remote Wake Up, Soft Pull Down on Power-Off and I/O pin drive
strength.
If the FT232H is used without an external EEPROM the chip defaults to a USB to asynchronous serial
UART (RS232 mode) port device. If no EEPROM is connected (or the EEPROM is blank), the FT232H uses
its built-in default VID (0403), PID (6014) Product Description and Power Descriptor Value. In this case,
the device will not have a serial number as part of the USB descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com