| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT232H bảng dữ liệu(PDF) 30 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT232H bảng dữ liệu(HTML) 30 Page - Future Technology Devices International Ltd. |
|
30 / 65 page ![]() Copyright © 2014 Future Technology Devices International Limited 30 Document No.: FT_000288 FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC Datasheet Version 1.81 Clearance No.: FTDI #199 4.6 FT1248 Interface Mode Description The FT232H supports a half duplex FT1248 Interface that provides a flexible data communication and high performance interface between the FT232H as a FT1248 slave and an external FT1248 master. The FT1248 protocol is a dynamic bi-directional data bus interface that can be configured as 1, 2, 4, or 8-bits wide. [7:0] SCLK MIOSIO MISO SS# SCLK MIOSIO MISO SS# FPGA (FT1248 Master) FT232H (FT1248 Slave) Figure 4.7 FT1248 Bus with Single Master and Slave. In the FT1248 there are 3 distinct phases: While SS_n is inactive, the FT1248 reflects the status of the write buffer and read buffers on the MIOSIO[0] and MISO wires respectively. Additionally, the FT1248 slave block supports multiple slave devices where a master can communicate with multiple FT1248 slave devices. When the slave is sharing buses with other FT1248 slave devices, the write and read buffer status cannot be reflected on the MIOSIO[0] and MISO wires during SS_n inactivity as this would cause bus contention. Therefore, it is possible for the user to select whether they wish to have the buffer status switched on or off during inactivity. When SS_n is active a command/bus size phase occurs first. Following the command phase is the data phase, for each data byte transferred the FT1248 slave drives an ACK/NAK status onto the MISO wire. The master can send multiple data bytes so long as SS_n is active, if a unsuccessful data transfer occurs, i.e. a NAK happens on the MISO wire then the master should immediately abort the transfer by de-asserting SS_n. BUS TURNAROUND WRITE DATA TXE# CMD CLK SCLK SS_n MIOSIO[0] RXF# MISO RXF# RDATA0 RDATA1 RDATA2 TXE# CMD WDATA 0 WDATA 1 TXE# WRITE READ RXF# STATUS STATUS STATUS STATUS STATUS Figure 4.8: FT1248 Basic Waveform Protocol. Section 4.6.2 illustrates the FT1248 write and read protocol operating in 1-bit mode. For details regarding 2-bit, 4-bit and 8-bit modes, please refer to application note AN_167_FT1248 Parallel Serial Interface Basics available at http://www.ftdichip.com. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |