công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FT232H bảng dữ liệu(PDF) 11 Page - Future Technology Devices International Ltd.

tên linh kiện FT232H
Giải thích chi tiết về linh kiện  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FTDI [Future Technology Devices International Ltd.]
Trang chủ  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H bảng dữ liệu(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
11
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
Pin No.
Name
Type
Description
45
EECS
I/O
EEPROM – Chip Select. Tri-State during device reset.
44
EECLK
OUTPUT
Clock signal to EEPROM. Tri-State during device reset. When not in reset, this
outputs the EEPROM clock.
43
EEDATA
I/O
EEPROM – Data I/O. Connect directly to Data-in of the EEPROM and to Data-out
of the EEPROM via a 2.2K resistor. Also, pull Data-Out of the EEPROM to VCCD
via a 10K resistor for correct operation. Tri-State during device reset.
Table 3.3 EEPROM Interface Group
Pin No.
Name
Type
Description
13
ADBUS0
Output
Configurable Output Pin, the default configuration is Transmit Asynchronous Data
Output.
14
ADBUS1
Input
Configurable Input Pin, the default configuration is Receiving Asynchronous Data
Input.
15
ADBUS2
Output
Configurable Output Pin, the default configuration is Request to Send Control
Output / Handshake Signal.
16
ADBUS3
Input
Configurable Input Pin, the default configuration is Clear To Send Control Input /
Handshake Signal.
17
ADBUS4
Output
Configurable Output Pin, the default configuration is Data Terminal Ready Control
Output / Handshake Signal.
18
ADBUS5
Input
Configurable Input Pin, the default configuration is Data Set Ready Control Input /
Handshake Signal.
19
ADBUS6
Input
Configurable Input Pin, the default configuration is Data Carrier Detect Control
Input.
20
ADBUS7
Input
Configurable Input Pin, the default configuration is Ring Indicator Control Input.
When remote wake up is enabled in the EEPROM taking RI# low can be used to
resume the PC USB host controller from suspend. (Also see note 1, 2, 3 in section
4.12)
21
ACBUS0
I/O
Configurable ACBUS I/O Pin. Function of this pin is configured in the device
EEPROM. If the external EEPROM is not fitted the default configuration is TriSt-PU.
See ACBUS Signal Options, Table 3.5.
25
ACBUS1
I/O
Configurable ACBUS I/O Pin. Function of this pin is configured in the device
EEPROM. If the external EEPROM is not fitted the default configuration is TriSt-PU.
See ACBUS Signal Options, Table 3.5.
26
ACBUS2
I/O
Configurable ACBUS I/O Pin. Function of this pin is configured in the device
EEPROM. If the external EEPROM is not fitted the default configuration is TriSt-PU.
See ACBUS Signal Options, Table 3.5.
27
ACBUS3
I/O
Configurable ACBUS I/O Pin. Function of this pin is configured in the device
EEPROM. If the external EEPROM is not fitted the default configuration is TriSt-PU.
See ACBUS Signal Options, Table 3.5.
28
ACBUS4
I/O
Configurable ACBUS I/O Pin. Function of this pin is configured in the device
EEPROM. If the external EEPROM is not fitted the default configuration is TriSt-PU.
See ACBUS Signal Options, Table 3.5.
29
ACBUS5
I/O
Configurable ACBUS I/O Pin. Function of this pin is configured in the device
EEPROM. If the external EEPROM is not fitted the default configuration is TriSt-PU.
See ACBUS Signal Options, Table 3.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com