công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HTX bảng dữ liệu(PDF) 13 Page - RMT Ltd.

tên linh kiện HTX
Giải thích chi tiết về linh kiện  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RMT [RMT Ltd.]
Trang chủ  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX bảng dữ liệu(HTML) 13 Page - RMT Ltd.

Back Button HTX Datasheet HTML 9Page - RMT Ltd. HTX Datasheet HTML 10Page - RMT Ltd. HTX Datasheet HTML 11Page - RMT Ltd. HTX Datasheet HTML 12Page - RMT Ltd. HTX Datasheet HTML 13Page - RMT Ltd. HTX Datasheet HTML 14Page - RMT Ltd. HTX Datasheet HTML 15Page - RMT Ltd. HTX Datasheet HTML 16Page - RMT Ltd. HTX Datasheet HTML 17Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 13 of 36
5.
FUNCTIONALITY TEST
All the HTX thermoelectric Heat Flux Sensors adhere to high manufacturing
standards. Before shipping, the performance of each Heat Flux Sensor is
individually checked and calibrated. All the data are advised in
Specifications of the Sensor.
However, external factors (e.g. transportation, prior use), may affect the
functionality of the Sensor module. Before the permanent installation, the
Sensor functionality must be tested.
5.1 Checking of AC Resistance
The electrical resistance testing is done using a standard multimeter via a
four-wire probe measurement. The resistance measurement must be done
without any applied temperature gradient (e.g. with the Sensor hanging in
air holding it at the cables).
The resistance must be in the range specified in the Sensor’s respective
datasheet. This value does not include the resistance of the cables.
Resistance below 0.1 ohm indicates a short circuit, while resistance higher
than the value stated in the datasheet indicates physical wearout of the
Sensor and/or its cables. In both cases, the Sensor is not functional and
must be replaced.
5.2 Checking of Figure-of-Merit.
The Sensor is a thermoelectric module device. Performance and
functionality of the Sensor can be examined by two parameters: the AC
Resistance (see above) and Figure-of-Merit. In some cases functionality
checking only by AC resistance measurements is not enough. Particularly in
the case of probable failure, and necessity to investigate reasons of this.
Checking of Z together with ACR gives much more information about
functionality of the thermoelectric Sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36