công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HTX bảng dữ liệu(PDF) 32 Page - RMT Ltd.

tên linh kiện HTX
Giải thích chi tiết về linh kiện  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RMT [RMT Ltd.]
Trang chủ  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX bảng dữ liệu(HTML) 32 Page - RMT Ltd.

Back Button HTX Datasheet HTML 28Page - RMT Ltd. HTX Datasheet HTML 29Page - RMT Ltd. HTX Datasheet HTML 30Page - RMT Ltd. HTX Datasheet HTML 31Page - RMT Ltd. HTX Datasheet HTML 32Page - RMT Ltd. HTX Datasheet HTML 33Page - RMT Ltd. HTX Datasheet HTML 34Page - RMT Ltd. HTX Datasheet HTML 35Page - RMT Ltd. HTX Datasheet HTML 36Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 32 of 36
11. ADDITIONAL INFORMATION
11.1 Electromagnetic field
Due to the very low electrical resistance of the Sensor and the aluminum
coating, the output signal is resistant to electromagnetic interference.
In most cases, no countermeasures are necessary.
If electromagnetic interference is a problem, typical countermeasures (e.g.
shielded cables, grounding) have to be taken.
11.2 Trouble shooting electrical problem
In case of electrical problems, check all the connections and cables. Check
for loose connections and/or short circuits in the leads.
In some cases, corroded cables are the issue. If the problem cannot be
located in the leads/cables, the Sensor may be broken and has to be
replaced.
11.3 Application in temperatures outside of calibration range
The calibration temperature range of the HTX Heat Flux Sensors is stated
in the respective data sheets.
Within this temperature range, RMT guarantees a relative error less than
+/- 3%.
Outside of this range, the relative error may exceed this value.
11.4 Influence of radiative heat flux
Electromagnetic radiation from deep ultraviolet wavelengths to infrared
may interfere with your measurement. To achieve highest precision make
sure to block off this radiation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36