công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD75P4308GS bảng dữ liệu(PDF) 4 Page - NEC

tên linh kiện UPD75P4308GS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD75P4308GS bảng dữ liệu(HTML) 4 Page - NEC

  UPD75P4308GS Datasheet HTML 1Page - NEC UPD75P4308GS Datasheet HTML 2Page - NEC UPD75P4308GS Datasheet HTML 3Page - NEC UPD75P4308GS Datasheet HTML 4Page - NEC UPD75P4308GS Datasheet HTML 5Page - NEC UPD75P4308GS Datasheet HTML 6Page - NEC UPD75P4308GS Datasheet HTML 7Page - NEC UPD75P4308GS Datasheet HTML 8Page - NEC UPD75P4308GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
µPD75P4308
4
1. PIN CONFIGURATION (Top View)
•
36-pin plastic shrink SOP (300 mil, 0.8 mm pitch)
µPD75P4308GS
Vss
1
36
X1
2
P51/D5
35
RESET
3
P52/D6
34
4
P53/D7
33
5
P60/KR0/D0
32
P33/MD3
6
31
P32/MD2
7
30
P31/MD1
8
29
P30/MD0
9
28
P81
10
27
P80
11
P61/KR1/D1
26
P22/PCL
12
P62/KR2/D2
25
P21/PTO1
13
P63/KR3/D3
24
P20/PTO0
14
P70/KR4
23
P03/SI
15
P71/KR5
22
P02/SO/SB0
16
P72/KR6
21
P01/SCK
17
P73/KR7
20
P00/INT4
18
P13/TI0/TI1
19
X2
P23
P50/D4
P12/INT2
P11/INT1
P10/INT0
VDD
VPP
Note
Note Connect VPP directly to VDD during normal operations.
PIN IDENTIFICATIONS
P00 to P03
: Port0
SI
: Serial Input
P10 to P13
: Port1
SO
: Serial Output
P20 to P23
: Port2
SB0
: Serial Bus 0
P30 to P33
: Port3
RESET
: Reset
P50 to P53
: Port5
TI0, 1
: Timer Input 0, 1
P60 to P63
: Port6
PTO0, 1
: Programmable Timer Output 0, 1
P70 to P73
: Port7
PCL
: Programmable Clock
P80, P81
: Port8
INT0, 1, 4
: External Vectored Interrupt 0, 1, 4
KR0 to KR7
: Key Return 0 to 7
INT2
: External Test Input 2
VDD
: Positive Power Supply
X1, 2
: System Clock Oscillation 1, 2
VSS
: GND
MD0 to 3
: Mode Selection 0 to 3
VPP
: Programming Power Supply
D0 to D7
: Data Bus 0 to 7
SCK
: Serial Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60