| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1870 bảng dữ liệu(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1870 bảng dữ liệu(HTML) 44 Page - STMicroelectronics |
|
44 / 58 page ![]() BlueNRG-MS Beacon demonstration application UM1870 44/58 DocID027602 Rev 1 7 BlueNRG-MS Beacon demonstration application The software development kit contains another example, which shows how to configure a BlueNRG-MS device to advertise specific manufacturing data and allow another BLE device to know if it is in the range of the BlueNRG-MS beacon device. 7.1 Supported platforms The BlueNRG-MS Beacon demo is supported by the BlueNRG-MS development platform (STEVAL-IDB005V1). 7.2 BLE Beacon application setup This section describes how to configure a BlueNRG-MS device for acting as a beacon device. 7.2.1 Initialization The BlueNRG-MS stack must be correctly initialized as follows: – ACI_GATT_INIT – ACI_GAP_INIT(Role=0x01): peripheral 7.2.2 Define advertising data The BLE Beacon application advertises the following manufacturing data: Note: SIG company identifiers are available at: https://www.bluetooth.org/en-us/specification/assigned-numbers/company-identifiers Table 11. BlueNRG-MS Beacon advertising manufacturing data Data field Description Notes Company identifier code SIG company identifier Default is 0x0030 (STMicroelectronics) ID Beacon ID Fixed value Location UUID Beacons UUID Used to distinguish specific beacons from others Major number Identifier for a group of beacons Used to group a related set of beacons Minor number Identifier for a single beacon Used to identify a single beacon Tx Power 2's complement of the Tx power Used to establish how far you are from device |