công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1870 bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện UM1870
Giải thích chi tiết về linh kiện  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 22Page - STMicroelectronics UM1870 Datasheet HTML 23Page - STMicroelectronics UM1870 Datasheet HTML 24Page - STMicroelectronics UM1870 Datasheet HTML 25Page - STMicroelectronics UM1870 Datasheet HTML 26Page - STMicroelectronics UM1870 Datasheet HTML 27Page - STMicroelectronics UM1870 Datasheet HTML 28Page - STMicroelectronics UM1870 Datasheet HTML 29Page - STMicroelectronics UM1870 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
GUI software description
UM1870
26/58
DocID027602 Rev 1
The WAIT_EVENT macro-command waits for an event with 'Event Code' parameter equal
to event_code. If no event_code is indicated, the macro-command waits for any event.
The timeout parameter allows to set the event timeout. If no timeout is set, the macro-
command waits until an event occurs. If a timeout (greater than zero) is set and
continueOnEvtMiss is False and no event occurs before the timeout, an HCITimeoutError
error happens. Otherwise, if the input parameter continueOnEvtMiss is True and a timeout
(greater than zero) is set, the macro-command returns the value None even when no event
occurs before the timeout.
If one or more optional filtering parameters are specified, the macro-command performs a
check on them and it returns only the first detected event that satisfies these parameters.
The events received before the one returned are discarded.
The WAIT_EVENT() command return value can be:
• an event
• None, if a timeout occurs and the input parameter “continueOnEvtMiss” is set to True.
An HCITimeoutError error exception is raised when a timeout occurs.
The event_code parameter can be one of the following values:
Table 8. WAIT_EVENT macro-command
Command name
Parameters
Description
WAIT_EVENT
event_code = None (default)
timeout = None (default)
continueOnEvtMiss = False
(default)
param_checks = optional
filtering parameters
It waits an event with ‘Event Code’ parameter
equal to event_code. If no event_code is
indicated, the macro-command waits any event.
Optional filtering parameters allow to define
additional filters on event fields.
Table 9. WAIT_EVENT: event_code types
event_code
event param.
name
event parameter name
HCI_LE_META
Subevent_Code
HCI_LE_CONNECTION_COMPLETE
HCI_LE_ADVERTISING_REPORT
HCI_LE_CONNECTION_UPDATE_COMPLETE
HCI_LE_READ_REMOTE_USED_FEATURES_COMPLETE
HCI_LE_LONG_TERM_KEY_REQUEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com