| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1870 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1870 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 58 page ![]() BlueNRG-MS sensor profile demo UM1870 34/58 DocID027602 Rev 1 Figure 13. BlueNRG-MS sensor demo GATT database 5.1 Supported platforms The BlueNRG-MS sensor profile demo is supported only on the BlueNRG-MS development platform (STEVAL-IDB005V1). 5.2 BlueNRG-MS app for smartphones An application is available for smartphones (iOS and android), that works with the sensor profile demo. The development kits are preprogrammed with the sensor profile demo firmware. If the development board has been flashed with another firmware, it can be programmed with the correct firmware. Refer to Section 4.1 for the programming procedure using the device firmware upgrade feature and BlueNRG-MS GUI. The correct pre-compiled firmware can be found inside firmware folder (BlueNRG-MS_SensorDemo.hex). The source file for the demo is inside the project folder. This app enables notifications on the acceleration characteristic and displays the value on the screen. Data from environmental sensors are also periodically read and displayed. |