công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1870 bảng dữ liệu(PDF) 38 Page - STMicroelectronics

tên linh kiện UM1870
Giải thích chi tiết về linh kiện  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 bảng dữ liệu(HTML) 38 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 34Page - STMicroelectronics UM1870 Datasheet HTML 35Page - STMicroelectronics UM1870 Datasheet HTML 36Page - STMicroelectronics UM1870 Datasheet HTML 37Page - STMicroelectronics UM1870 Datasheet HTML 38Page - STMicroelectronics UM1870 Datasheet HTML 39Page - STMicroelectronics UM1870 Datasheet HTML 40Page - STMicroelectronics UM1870 Datasheet HTML 41Page - STMicroelectronics UM1870 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
BlueNRG-MS sensor profile demo
UM1870
38/58
DocID027602 Rev 1
5.4.2
Discovery a sensor peripheral device
In order to discover a Sensor Peripheral device, a discovery procedure has to be started
with the master library command:
– Master_DeviceDiscovery(&devDiscParam);
devDiscParam variable allows to set the discovery parameters (discovery procedure,
interval, window, …).
Refer to the master library doxygen documentation for more information about the
command and related parameters.
The found devices are returned through the Master_DeviceDiscovery_CB() master library
callback (DEVICE_DISCOVERED status).
5.4.3
Connect to discovered sensor peripheral device
Once a Sensor Peripheral device has been found, the Sensor Central device connects to it
by using the following master library command:
– Master_DeviceConnection(&connParam);
connParam variable allows to set the connection parameters (connection procedure, scan
duration, window,…).
Refer to the master library doxygen documentation for more information about the
command and related parameters.
When the connection is established with success, the Master_Connection_CB() master
library callback is called with CONNECTION_ESTABLISHED_EVT event.
5.4.4
Discovery sensor peripheral services and characteristics
Once a Sensor Peripheral device has been connected, the Sensor Central device starts
discovery all primary service procedure, by using the following master library command:
– Master_GetPrimaryServices()
Refer to the master library doxygen documentation for more information about the
command and related parameters.
When services are discovered, the Master_ServiceCharacPeerDiscovery_CB master library
callback is called with PRIMARY_SERVICE_DISCOVERY code. In particular the sensor
and environmental services are discovered.
For each discovered service, the related characteristics are discovered by using the
following master library command:
– Master_GetCharacOfService()
Refer to the master library doxygen documentation for more information about the
command and related parameters.
When the characteristics of a service are discovered, the
Master_ServiceCharacPeerDiscovery_CB master library callback is called with
GET_CHARACTERISTICS_OF_A_SERVICE code. In particular the sensor acceleration,
free fall and temperature characteristics are discovered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58