| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1770 bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1770 bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 56 page ![]() Profile – application interface functions UM1770 46/56 DocID026385 Rev 2 6.10 Proximity profile Proximity monitor 6.10.1 ProximityMonitor_Init() Description Initializes the proximity profile in the monitor role. It returns BLE_STATUS_SUCCESS if the procedure is started successfully and notifies the application through the event EVT_PM_INITIALIZED. Parameters 1. BLE_CALLBACK_FUNCTION_TYPE: the callback function to be called by the profile to notify the application of the profile specific events. 6.10.2 ProximityMonitor_Make_Discoverable() Description The command puts the device into discoverable mode. BLE_STATUS_SUCCESS is returned if the command to put the device into discoverable mode was issued successfully. Parameters 1. useBoundedDeviceList – set this to '1' if advertising is to be performed on the devices already bonded. 6.10.3 ProximityMonitorProfile_StateMachine() Description The application calls this function for checking current main profile and profile state, substate and performing related actions and consequent states updates. Parameters None Proximity reporter 6.10.4 ProximityReporter_Init() Description Initializes the proximity profile in reporter role. Returns BLE_STATUS_SUCCESS if the procedure is started successfully and notifies the application through the event EVT_PR_INITIALIZED. |