| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1770 bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1770 bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 56 page ![]() DocID026385 Rev 2 31/56 UM1770 Profile – application interface functions 56 – CATEGORY_ID_EMAIL (0x01) – CATEGORY_ID_NEWS (0x02) – CATEGORY_ID_CALL (0x03) – CATEGORY_ID_MISSED_CALL (0x04) – CATEGORY_ID_SMS_MMS (0x05) – CATEGORY_ID_VOICE_MAIL (0x06) – CATEGORY_ID_SCHEDULE (0x07) – CATEGORY_ID_HIGH_PRIORITIZED_ALERT (0x08) – CATEGORY_ID_INSTANT_MESSAGE (0x09) • unreadAlertCategory: bitmask of the categories supported for the unread alert status characteristic. – CATEGORY_ID_SIMPLE_ALERT (0x00) – CATEGORY_ID_EMAIL (0x01) – CATEGORY_ID_NEWS (0x02) – CATEGORY_ID_CALL (0x03) – CATEGORY_ID_MISSED_CALL (0x04) – CATEGORY_ID_SMS_MMS (0x05) – CATEGORY_ID_VOICE_MAIL (0x06) – CATEGORY_ID_SCHEDULE (0x07) – CATEGORY_ID_HIGH_PRIORITIZED_ALERT (0x08) – CATEGORY_ID_INSTANT_MESSAGE (0x09) 6.4.8 ANS_Advertize() Description The function puts the device into discoverable mode. BLE_STATUS_SUCCESS is returned if the command to put the device into discoverable mode was issued successfully. Parameters • useWhitelist: if the useWhiteList is set to TRUE, the device is configured to use the whitelist which is configured with bonded devices at the time of initialization; otherwise, the device enters limited discoverable mode to connect to any of the available devices. 6.4.9 ANS_Update_New_Alert_Category() Description The application calls this to update the alert category characteristic with the new bitmask. It returns BLE_STATUS_SUCCESS if the update is successfully started and BLE_STATUS_INVALID_PARAMS if a bitmask for an invalid category is requested. Parameters 1. Length: length of the category field; it must be 0 or 1. 2. Category: bitmask of the categories supported. The bitmasks are split across two octets with the meanings described in the bluetooth assigned numbers documentation. |