công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1770 bảng dữ liệu(PDF) 32 Page - STMicroelectronics

tên linh kiện UM1770
Giải thích chi tiết về linh kiện  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 bảng dữ liệu(HTML) 32 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 28Page - STMicroelectronics UM1770 Datasheet HTML 29Page - STMicroelectronics UM1770 Datasheet HTML 30Page - STMicroelectronics UM1770 Datasheet HTML 31Page - STMicroelectronics UM1770 Datasheet HTML 32Page - STMicroelectronics UM1770 Datasheet HTML 33Page - STMicroelectronics UM1770 Datasheet HTML 34Page - STMicroelectronics UM1770 Datasheet HTML 35Page - STMicroelectronics UM1770 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Profile – application interface functions
UM1770
32/56
DocID026385 Rev 2
6.4.10
ANS_Update_Unread_Alert_Category()
Description
The application calls this to update the unread alert category with the new bitmask. It returns
BLE_STATUS_SUCCESS if the update is successfully started and
BLE_STATUS_INVALID_PARAMS if a bitmask for an invalid category is set.
Parameters
1.
Length: length of the category field; it must be 0 or 1.
2.
Category: bitmask of the categories supported. The bitmasks are split across two
octets with the meanings described in the bluetooth assigned numbers documentation.
6.4.11
ANS_Update_New_Alert()
Description
The application calls this to update the number of new alerts for the category specified in the
new alert characteristic. If the category ID specified is not valid or the text information is
longer than 18 octets, BLE_STATUS_INVALID_PARAMS is returned. On successful write,
BLE_STATUS_SUCCESS is returned.
Parameters
1.
alertCount: alert count for the category specified. The application must maintain the
count of new alerts.
2.
categoryID: category which is affected by the command.
3.
TextInfo: textual information corresponding to the alert.
6.4.12
ANS_Update_Unread_Alert_Status()
Description
The application calls this to update the number of unread alerts for the category specified in
the new alert characteristic. If the category ID specified is not valid,
BLE_STATUS_INVALID_PARAMS is returned. On successful write to the alert status,
BLE_STATUS_SUCCESS is returned.
Parameters
1.
categoryID: category which is affected by the command.
2.
AlertCount: alert count for the category specified. The application must maintain the
count of unread alerts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56