| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1770 bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1770 bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 56 page ![]() Profile – application interface functions UM1770 52/56 DocID026385 Rev 2 c) GLUCOSE_MEASUREMENT_CONTEXT_HEALTH_DURING_MENSES (0x30) d) GLUCOSE_MEASUREMENT_CONTEXT_HEALTH_UNDER_STRESS (0x40) e) GLUCOSE_MEASUREMENT_CONTEXT_HEALTH_NO_ISSUE (0x50) f) GLUCOSE_MEASUREMENT_CONTEXT_HEALTH_VALUE_NOT_AVAILABLE (0xF0) 8. exerciseDuration field: exercise duration in seconds 9. exerciseIntensity field: intensity of exercise 10. medicationId field: a) GLUCOSE_MEASUREMENT_CONTEXT_MEDICATION_ID_RAPID_ACTING_INS ULIN (0x1) b) GLUCOSE_MEASUREMENT_CONTEXT_MEDICATION_SHORT_ACTING_INSU LIN (0x2) c) GLUCOSE_MEASUREMENT_CONTEXT_MEDICATION_INTERMEDIATE_ACTIN G_INSULIN (0x3) d) GLUCOSE_MEASUREMENT_CONTEXT_MEDICATION_LONG_ACTING_INSULI N (0x4) e) GLUCOSE_MEASUREMENT_CONTEXT_MEDICATION_PRE_MIXED_INSULIN (0x5) 11. medicationUnits field: units of kilograms or liters; 12. HbA1c field 6.11.6 GL_Set_Glucose_Feature_Value () Description This function is used to set the glucose feature characteristic value. 6.11.7 GL_StateMachine() Description The application calls this function for checking current main profile and profile state, substate and performing related actions and consequent states updates. Parameters None |