| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4651 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4651 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 34 page ![]() Interconnection descriptions AN4651 30/34 DocID027426 Rev 1 3.21 From ADC to HRTIM1 ADCx (x=1, 2) provides the trigger event through watchdog signals to the high resolution timer HRTIM1. 3.22 From system faults to HRTIM1 The HRTIM1 system fault input (SYSFLT) gathers MCU internal fault events coming from: the clock failure event generated by the clock security system (CSS), the PVD output, the SRAM parity error signal, the Cortex-M4 LOCKUP (Hardfault) output. 3.23 From COMP to HRTIM1 The comparator output can be redirected internally to HRTIM1 inputs. The comparator outputs are connected directly to HRTIM1 in order to speed-up the propagation delay. Table 16. HRTIM1_EEx connection to ADC analog watchdogs Feature HRTIM1 event ADC1 ADC1_AWD1 HRTIM1_EEV1 ADC1_AWD2 HRTIM1_EEV2 ADC1_AWD3 HRTIM1_EEV3 ADC2 ADC2_AWD1 HRTIM1_EEV4 ADC2_AWD2 HRTIM1_EEV5 ADC2_AWD3 HRTIM1_EEV6 Table 17. Comparator outputs to HRTIM1 inputs COMP# Internal events COMP2 HRTIM1_EEV1 HRTIM1_EEV6 HRTIM1_FLT1 COMP4 HRTIM1_EEV2 HRTIM1_EEV7 HRTIM1_FLT2 COMP6 HRTIM1_EEV3 HRTIM1_EEV8 HRTIM1_FLT3 |