| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4651 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4651 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 34 page ![]() Interconnection descriptions AN4651 24/34 DocID027426 Rev 1 Note: When the comparator output is configured to be connected internally to the timer break input, the following must be considered: 1/ COMP1/2/3/5/6 can be used to control TIM1/8/20_BRK_ACTH (this break is always active high with no digital filter) and also to control TIM1/8/20_BRK2 input. 2/ COMP4/7 can be used to control TIM1/8/20_BRK and the TIM1/8/20_BRK2 input. 3/ COMP3/5/7 can be used to control TIMx_BRK_ACTH, x=15;16;17 respectively (this break is always active high with no digital filter). 1. The gray shading in table cells means Not Applicable. 2. Only in STM32F37x devices. Table 9. Comparator outputs to TIM inputs(1) COMP output selection TIM1 TIM8 TIM2 TIM3 TIM4 TIM5 TIM15 TIM16 TIM17 TIM20 |