công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4651 bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện AN4651
Giải thích chi tiết về linh kiện  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 16Page - STMicroelectronics AN4651 Datasheet HTML 17Page - STMicroelectronics AN4651 Datasheet HTML 18Page - STMicroelectronics AN4651 Datasheet HTML 19Page - STMicroelectronics AN4651 Datasheet HTML 20Page - STMicroelectronics AN4651 Datasheet HTML 21Page - STMicroelectronics AN4651 Datasheet HTML 22Page - STMicroelectronics AN4651 Datasheet HTML 23Page - STMicroelectronics AN4651 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Interconnection descriptions
AN4651
20/34
DocID027426 Rev 1
Table 6 shows the timers to ADC1 connections for STM32F37x devices.
3.5
From OPAMP to ADC
There are two interconnection types:
Connection of OPAMP output reference voltage to an internal ADC channel,
Connection of OPAMPx (x = 1 to 4) output to ADCy (y = 1 to 4) channels.
1.
Connection of OPAMP output reference voltage to an internal ADC channel.
This connection can be used for OPAMP calibration.
Table 7 provides information on the channels to use for the connections.
2.
Connection of OPAMPx (x = 1 to 4) output to ADCy (y = 1 to 4) channels.
Table 8 details the connection settings.
1.
The gray shading in table cells means Not Applicable.
Table 6. STM32F37x: Internal signals from timers to ADC1
Regular channels
Injected channels
TIM2
TIM2_CC2
TIM2_TRGO
TIM2_CC1
TIM3
TIM3_TRGO
TIM3_CC4
TIM4
TIM4_CC4
TIM4_TRGO
TIM19
TIM19_TRGO
TIM19_CC3
TIM19_CC4
TIM19_CC1
TIM19_CC2
Table 7. VREFOPAMPx to ADC channel
VREFOPAMPx
ADC channel
Description
VREFOPAMP1
ADC1_IN15
Reference Voltage for the Operational Amplifier 1
VREFOPAMP2
ADC2_IN17
Reference Voltage for the Operational Amplifier 2
VREFOPAMP3
ADC3_IN17
Reference Voltage for the Operational Amplifier 3
VREFOPAMP4
ADC4_IN17
Reference Voltage for the Operational Amplifier 4
Table 8. OPAMP output to ADC input
OPAMPx output
ADC channel
Used pins
OPAMP1_VOUT
ADC1_IN3
PA2
OPAMP2_VOUT
ADC2_IN3
PA6
OPAMP3_VOUT
ADC3_IN1
PB1
OPAMP4_VOUT
ADC4_IN3
PB12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34