công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4651 bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện AN4651
Giải thích chi tiết về linh kiện  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 15Page - STMicroelectronics AN4651 Datasheet HTML 16Page - STMicroelectronics AN4651 Datasheet HTML 17Page - STMicroelectronics AN4651 Datasheet HTML 18Page - STMicroelectronics AN4651 Datasheet HTML 19Page - STMicroelectronics AN4651 Datasheet HTML 20Page - STMicroelectronics AN4651 Datasheet HTML 21Page - STMicroelectronics AN4651 Datasheet HTML 22Page - STMicroelectronics AN4651 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DocID027426 Rev 1
19/34
AN4651
Interconnection descriptions
33
3.4
From TIM and EXTI to ADC
General-purpose timers (TIM2/TIM3/TIM4/TIM19), basic timers (TIM6/TIM7), advanced-
control timers (TIM1/TIM8/TIM20), general-purpose timer (TIM15/TIM16/TIM17) and EXTI
can be used to generate an ADC triggering event.
The output (from timer) is on signal TIMx_TRGO, TIMx_TRGO2 or TIMx_CCx event.
The input (to ADC) is on signal EXT[15:0] for regular channels and JEXT[15:0] for injected
ones.
Table 5 details the connection between timers and ADCs for all STM32F3 series devices
except STM32F37x.
Table 5. Internal signals from timers to ADCs(1)
ADC1/ADC2
ADC3/ADC4
TIM1
TIM1_CC1 (Regular)
TIM1_CC2 (Regular)
TIM1_CC3 (Regular)
TIM1_TRGO (Regular/Injected)
TIM1_TRGO2 (Regular/Injected)
TIM1_CC4 (Injected)
TIM1_CC3 (Regular/Injected)
TIM1_TRGO (Regular/Injected)
TIM1_TRGO2 (Regular/Injected)
TIM1_CC4 (Injected)
TIM2
TIM2_CC2 (Regular)
TIM2_TRGO (Regular/Injected)
TIM2_CC1 (Injected)
TIM2_CC3 (Regular)
TIM2_TRGO (Regular/Injected)
TIM2_CC1 (Regular)
TIM3
TIM3_TRGO (Regular/Injected)
TIM3_CC4 (Regular/Injected)
TIM3_CC3 (Injected)
TIM3_CC1 (Injected)
TIM3_TRGO (Regular/Injected)
TIM3_CC1 (Regular)
TIM4
TIM4_CC4 (Regular)
TIM4_TRGO (Regular/Injected)
TIM4_CC1 (Regular)
TIM4_TRGO (Regular/Injected)
TIM4_CC3 (Injected)
TIM4_CC4 (Injected)
TIM6
TIM6_TRGO (Regular/Injected)
TIM8
TIM8_TRGO (Regular/Injected)
TIM8_TRGO2 (Regular/Injected)
TIM8_CC4 (Regular/Injected)
TIM8_CC1 (Regular)
TIM8_TRGO (Regular/Injected)
TIM8_TRGO2 (Regular/Injected)
TIM8_CC2 (Injected)
TIM8_CC4 (Injected)
TIM15
TIM15_TRGO (Regular/Injected)
TIM15_TRGO (Regular/Injected)
TIM20
TIM20_TRGO (Regular/Injected)
TIM20_TRGO2 (Regular/Injected)
TIM20_CC1 (Regular)
TIM20_CC2 (Regular)
TIM20_CC3 (Regular)
TIM20_TRGO (Regular/Injected)
TIM20_TRGO2 (Regular/Injected)
TIM20_CC1 (Regular)
TIM20_CC2 (Injected)
TIM7
TIM7_TRGO (Regular/Injected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34