công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4651 bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện AN4651
Giải thích chi tiết về linh kiện  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 23Page - STMicroelectronics AN4651 Datasheet HTML 24Page - STMicroelectronics AN4651 Datasheet HTML 25Page - STMicroelectronics AN4651 Datasheet HTML 26Page - STMicroelectronics AN4651 Datasheet HTML 27Page - STMicroelectronics AN4651 Datasheet HTML 28Page - STMicroelectronics AN4651 Datasheet HTML 29Page - STMicroelectronics AN4651 Datasheet HTML 30Page - STMicroelectronics AN4651 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
DocID027426 Rev 1
27/34
AN4651
Interconnection descriptions
33
3.16
From system errors to TIM
Besides the comparators outputs, there are other sources that may be used as trigger for
the internal break events of some timers (TIM1/TIM8/TIM20/TIM15/TIM16/TIM17). These
sources are:
the clock failure event generated by the clock security system (CSS),
the PVD output (this feature is not available in STM32F3x8 devices),
the SRAM parity error signal,
the Cortex-M4 LOCKUP (Hardfault) output.
The above-mentioned sources can be connected internally to TIMx_BRK_ACTH input, with
x = 1,8,15,16,17,20.
Table 13. Timers synchronization(1)
Master/
Slave
SLAVE
TIM1
TIM8
TIM20
TIM2
TIM3
TIM4
TIM15
TIM5
TIM19
TIM12
TIM1
TIM8_
ITR0
TIM20_
ITR0
TIM2_
ITR0
TIM3_
ITR0
TIM4_
ITR0
TIM8
TIM20_
ITR1
TIM2_
ITR1
TIM4_
ITR3
TIM2
TIM1_
ITR1
TIM8_
ITR1
TIM3_
ITR1
TIM4_
ITR1
TIM15_
ITR0
TIM5_
ITR0
TIM19_
ITR0
TIM3
TIM1_
ITR2
TIM8_
ITR3
TIM2_
ITR2
TIM4_
ITR2
TIM15_
ITR1
TIM5_
ITR1
TIM19_
ITR1
TIM4
TIM1_
ITR3
TIM8_
ITR2
TIM20_
ITR2
TIM2_
ITR3(2)
TIM3_
ITR3(2)
TIM5_
ITR2
TIM12_
ITR0
TIM5
TIM3_
ITR2
TIM12_
ITR1
TIM13
TIM12_
ITR2
TIM14
TIM2_
ITR3
TIM3_
ITR3
TIM12_
ITR3
TIM15
TIM1_
ITR0
TIM20_
ITR3
TIM2_
ITR1 (3)
TIM3_
ITR2(3)
TIM4_
ITR3 (3)
TIM5_
ITR3
TIM19_
ITR2
TIM16
TIM15_
ITR2
TIM19_
ITR3
TIM17
TIM1_
ITR3
TIM15_
ITR3
TIM19
TIM2_
ITR0
TIM3_
ITR0
TIM4_
ITR0
1.
The gray shading in table cells means Not Applicable.
2.
Not applicable for STM32F37x.
3.
Only for STM32F37x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34