| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4630 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4630 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 33 page ![]() AN4630 Design recommendations when using QFN32 package Figure 14: Low-frequency crystal inductor and tracks The DC-DC converter area is very sensitive, and it is necessary to pay attention to the layout of this part. This is because the DC-DC converter generates GND noise that can get coupled on surrounding ground reducing the sensitivity, and high-frequency components can be coupled onto RF part. So to ensure a correct layout it is necessary of: Providing efficient filtering by placing capacitors as close as possible from the BlueNRG; Reducing parasitic ensuring wide and short connections to BlueNRG. In Figure 15: "DC-DC converter layout zone" the suggested layout is shown DC-DC converter inductor DC-DC converter filtering capacitors DocID027262 Rev 1 19/33 |