công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4630 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện AN4630
Giải thích chi tiết về linh kiện  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button AN4630 Datasheet HTML 8Page - STMicroelectronics AN4630 Datasheet HTML 9Page - STMicroelectronics AN4630 Datasheet HTML 10Page - STMicroelectronics AN4630 Datasheet HTML 11Page - STMicroelectronics AN4630 Datasheet HTML 12Page - STMicroelectronics AN4630 Datasheet HTML 13Page - STMicroelectronics AN4630 Datasheet HTML 14Page - STMicroelectronics AN4630 Datasheet HTML 15Page - STMicroelectronics AN4630 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Components dimensioning
AN4630
2.3
External quarts
The BlueNRG includes a high frequency and a low-frequency integrated oscillators that
required two external crystals.
The BlueNRG includes a fully integrated, low power 16/32 MHz Xtal oscillator with an
embedded amplitude regulation loop. In order to achieve low power operation and good
frequency stability of the Xtal oscillator, certain considerations with respect to the quartz
load capacitance C0 need to be taken into account. Figure 8: "Diagram of the BlueNRG
amplitude regulated oscillator" shows a simplified block diagram of the amplitude regulated
oscillator used on the BlueNRG.
Figure 8: Diagram of the BlueNRG amplitude regulated oscillator
Low power consumption and fast startup time are achieved by choosing a quartz crystal
with a small load capacitance C0. A reasonable choice for capacitor C0 is 15 pF. To
achieve good frequency stability, the following equation needs to be satisfied:
12/33
DocID027262 Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33