công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4630 bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện AN4630
Giải thích chi tiết về linh kiện  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button AN4630 Datasheet HTML 12Page - STMicroelectronics AN4630 Datasheet HTML 13Page - STMicroelectronics AN4630 Datasheet HTML 14Page - STMicroelectronics AN4630 Datasheet HTML 15Page - STMicroelectronics AN4630 Datasheet HTML 16Page - STMicroelectronics AN4630 Datasheet HTML 17Page - STMicroelectronics AN4630 Datasheet HTML 18Page - STMicroelectronics AN4630 Datasheet HTML 19Page - STMicroelectronics AN4630 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Design recommendations when using QFN32
package
AN4630
4
Design recommendations when using QFN32
package
Design recommentations when using QFN32 package
The application board TOP layer layout using the QFN32 package is shown in Figure 11:
"QFN32 package application board TOP layer".
Figure 11: QFN32 package application board TOP layer
It is crucial to connect very well the ground of the exposed pad of the QFN32 to the ground
on the application board. So many vias are necessary to be sure that the parasitic inductor
introduced from each via is negligible.
16/33
DocID027262 Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33