| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1037 bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1037 bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 46 page ![]() UM1037 Connectors Doc ID 18294 Rev 1 27/46 3.8 ST-LINK/V2 programming connector CN11 The connector CN11 is used only for embedded ST-LINK/V2 programming during board manufacture. It is not populated by default and not intended for customer use. 3.9 Power connector CN12 Your STM8L1528-EVAL evaluation board can be powered from a DC 5V power supply via the external power supply jack (CN12) shown in Figure 13. The central pin of CN12 must be positive. Figure 13. Power supply connector CN12 (viewed from front) Table 19. USB type B connector CN9 Pin number Description Pin number Description 1VBUS (power) 4 GND 2DM 5,6 Shield 3DP |