| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1037 bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1037 bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 46 page ![]() UM1037 Connectors Doc ID 18294 Rev 1 23/46 25 PD2 LCD glass & BidLED/MC Put MB905 in "IO" position Remove R55 or R6 Disconnect power driver board from Motor control connector 27 PD0 LCD glass & MC Put MB905 in "IO" position Disconnect power driver board from Motor control connector or remove JP7 29 PE5 LCD glass & MC Put MB905 in "IO" position Disconnect power driver board from Motor control connector 31 PE3 LCD glass Put MB905 in "IO" position 33 PE1 LCD glass & MC Put MB905 in "IO" position Disconnect power driver board from Motor control connector 35 PG3 LCD glass & JOY Put MB905 in "IO" position Remove R108 37 PG1 LCD glass & JOY Put MB905 in "IO" position Remove R104 39 GND - - 41 PA6 LCD glass & MC Put MB905 in "IO" position Disconnect power driver board from Motor control connector 43 PA4 LCD glass & MC Put MB905 in "IO" position Disconnect power driver board from Motor control connector 2 PB7 LCD glass Put MB905 iin "IO" position Table 16. Daughter board extension connector CN4 (continued) Pin Description Alternative Function How to disconnect with function block on STM8L1528-EVAL board |