| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1037 bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1037 bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 46 page ![]() UM1037 Connectors Doc ID 18294 Rev 1 21/46 6 PF4 LCD glass Put MB905 in "IO" position 8 PF6 LCD glass Put MB905 in "IO" position 10 GND - - 12 PD5 LCD glass & MC Put MB905 in "IO" position Disconnect power driver board from Motor control connector 14 PD7 LCD glass & MC Put MB905 in "IO" position Disconnect power driver board from Motor control connector 16 PG5 LCD glass & HP_Plug Put MB905 in "IO" position remove R128 18 PG7 LCD glass & MicroSD_CS Put MB905 in "IO" position 20 PC0 I2C_SDA Remove R29 22 PC2 LCD glass Put MB905 in "IO" position 24 PC4 LCD glass & I2C_SMB Put MB905 in "IO" position Remove R27 26 PC7 LCD glass & potentiometer Put MB905 in "IO" position Remove R110 28 PE7 LCD glass Put MB905 in "IO" position 30 GND - - 32 - - - 34 PI2 SPI2_MOSI - 36 PH0 LCD glass & LD1 Put MB905 in "IO" position Remove R71 38 PH1 LCD glass & LD2 Put MB905 in "IO" position Remove R70 Table 15. Daughter board extension connector CN3 (continued) Pin Description Alternative Function How to disconnect with function block on STM8L1528-EVAL board |