| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1037 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1037 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 46 page ![]() Connectors UM1037 20/46 Doc ID 18294 Rev 1 11 PD4 LCD glass & MC Put MB905 in "IO" position Disconnect power driver board from Motor control connector 13 PD6 LCD glass & MC Put MB905 in "IO" position Disconnect power driver board from Motor control connector 15 PG4 LCD glass & JOY Put MB905 in "IO" position Remove R105 17 PG6 LCD glass & SD detect Put MB905 in "IO" position Remove SD card from CN15 19 GND - - 21 PC1 I2C_SCL Remove R28 23 PC3 LCD glass & MC Put MB905 in "IO" position Disconnect power driver board from Motor control connector 25 - - - 27 PE6 LCD glass Put MB905 in "IO" position 29 PI0 Anti-temper button Remove R111 31 - - - 33 PI1 SPI2_SCK - 35 PI3 SPI2_MISO Keep JP10 open 37 VLCD - - 39 GND 41 PH3 LCD glass & LD4 Put MB905 in "IO" position Remove R68 43 - - - 2 PF0 Audio_DAC1 & BNC Keep JP3 open 4 PF2 LCD_CS - Table 15. Daughter board extension connector CN3 (continued) Pin Description Alternative Function How to disconnect with function block on STM8L1528-EVAL board |