| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1037 bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1037 bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 46 page ![]() Hardware layout and configuration UM1037 6/46 Doc ID 18294 Rev 1 Figure 3. STM8L1528-EVAL evaluation board layout 2.1 Development and debug support Version 2 of the ST-LINK known as ST-LINK/V2 is embedded on the board This tools allows program loading and debugging of the STM8L on board using the SWIM interface. Third- MS18915V1 CN1 Motor control CN3, CN4 Extension headers U7 STM8L152M8 LD7 IR LD U6 IrDA CN7 USART2 U26 Dot matrix LCD CN12 Power jack CN14 Micro IN RV3 VDD_Adjustment RV2 Potentiometer B1 Reset key B2 Tamper key U28 Joystick B3 User key TS1 & TS2 Touch sensing buttons CN2 BNC connector LCD glass module IR receiver U29 CN5 & CN8 SWIM connectors CN9 ST-LINK/V2 USB connector CN13 Audio jack CN15 MicroSD card |