công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0843 bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện UM0843
Giải thích chi tiết về linh kiện  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 20Page - STMicroelectronics UM0843 Datasheet HTML 21Page - STMicroelectronics UM0843 Datasheet HTML 22Page - STMicroelectronics UM0843 Datasheet HTML 23Page - STMicroelectronics UM0843 Datasheet HTML 24Page - STMicroelectronics UM0843 Datasheet HTML 25Page - STMicroelectronics UM0843 Datasheet HTML 26Page - STMicroelectronics UM0843 Datasheet HTML 27Page - STMicroelectronics UM0843 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Block descriptions
UM0843
24/48
Doc ID16543 Rev 2
Note:
When DIP switch SW2-X is in the ON position, the bit value is 0. When the DIP switch is in
the OFF position, the bit value is 1.
SW2_4
SW2_5
NOR Flash bus width
SW2_4
SW2_5
0
0
8-bit NOR Flash
0
1
16-bit NOR Flash
1
0
32-bit NOR Flash
SW2_6
SW2_7
SW2_8
Boot device
SW2_6
SW2_7 SW2_8
0
0
0
Serial Flash
00
1
NOR Flash
0
1
0
NAND Flash
01
1
USB
Table 20.
SW2 strapping options (continued)
SW2-x
Description
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48