công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0843 bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện UM0843
Giải thích chi tiết về linh kiện  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 13Page - STMicroelectronics UM0843 Datasheet HTML 14Page - STMicroelectronics UM0843 Datasheet HTML 15Page - STMicroelectronics UM0843 Datasheet HTML 16Page - STMicroelectronics UM0843 Datasheet HTML 17Page - STMicroelectronics UM0843 Datasheet HTML 18Page - STMicroelectronics UM0843 Datasheet HTML 19Page - STMicroelectronics UM0843 Datasheet HTML 20Page - STMicroelectronics UM0843 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
UM0843
Block descriptions
Doc ID16543 Rev 2
17/48
The other option is to use the external clock signals, it is necessary to remove jumpers on
J65,J66,J62,J63, and then plug the related clock signals cables to connectors: JP65,JP66,
JP67, JP62,JP63,JP64.
By default the external clock configuration of HDLC-RS485-1 is selected as shown in
Table 11.
By default the external clock configuration of HDLC-RS485-2 is selected as shown in
Table 12.
Table 10.
HDLC-RS485-2 on-board clock jumpers
Jumper
Description
Configuration
JP62
Supply on-board clocks or
external clocks to CPU for
HDLC-RS485-2 TCLK.
(Default - fitted) to use on board
clocks (PIN-1)
JP63
Supply on-board clocks or
external clocks to CPU for
HDLC-RS485-2 RCLK.
(Default - fitted) to use on board
clocks (PIN-1)
Table 11.
HDLC-RS485-1 external clock jumper settings
Jumper
Description
Configuration
JP65
Supply on-board clocks or
external clocks to CPU for
HDLC-RS485-1 TCLK.
Setting: to use external clocks
(PIN-2)
JP66
Supply on-board clocks or
external clocks to CPU for
HDLC-RS485-1 RCLK.
Setting: to use external clocks
(PIN-2)
JP67
Signal Ground
12
12
TCLK
RCLK
GND
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48