| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3985 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3985 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 105 page ![]() CR95HF low level layer AN3985 16/105 Doc ID 022255 Rev 2 4.3 CR95HF layer functions The tables below list the functions available in a CR95HF layer. Table 7. CR95HF layer functions based on CR95HF commands Function name Description CR95HF_IDN Sends an Idn command. CR95HF_Echo Sends an Echo command. CR95HF_ProtocolSelect Sends a ProtocolSelect command. CR95HF_SendRecv Sends a SendRecv command. CR95HF_Idle Sends an Idle command. CR95HF_Rd_Wake_up_Reg Reads the wake-up Register command. CR95HF_Rd_Analog_Register_Config_B Reads the analog register configuration B command. CR95HF_BaudRate Sends a BaudRate command. Table 8. CR95HF layer additional functions Function name Description CR95HF_SendEOF Sends an EOF pulse. CR95HF_FieldOff Switches off the RF field. Table 9. Low Power mode functions Function name Description CR95HF_Hibernate Sends an hibernate command to CR95HF. CR95HF_Sleep Sends a Sleep command to CR95HF. CR95HF_IdlebyTimerfunction Sends a Idle command to CR95HF. The wake-up source is its internal timer. CR95HF_TagDetecting Sends a Tag detecting command to CR95HF. Table 10. CR95HF layer IS functions Function name Description CR95HF_IsReaderResultOK Checks if the returned code is successful. CR95HF_Is_IRQ_in_Interrupt_Wake_up _Condition Checks if a pulse on IRQ_IN pad is a wake-up condition. CR95HF_Is_NSS_Interrupt_Wake_up_ Condition Checks if a pulse on NSS pad is a wake-up condition. CR95HF_Is_Tag_Detected_Wake_up_ Condition Checks if a tag detector state is a wake-up condition. CR95HF_Is_Timeout_Wake_up_ Condition Checks if an internal timer is a wake-up condition. |