công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3985 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện AN3985
Giải thích chi tiết về linh kiện  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 5Page - STMicroelectronics AN3985 Datasheet HTML 6Page - STMicroelectronics AN3985 Datasheet HTML 7Page - STMicroelectronics AN3985 Datasheet HTML 8Page - STMicroelectronics AN3985 Datasheet HTML 9Page - STMicroelectronics AN3985 Datasheet HTML 10Page - STMicroelectronics AN3985 Datasheet HTML 11Page - STMicroelectronics AN3985 Datasheet HTML 12Page - STMicroelectronics AN3985 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
AN3985
Acronyms and notational conventions
Doc ID 022255 Rev 2
9/105
2
Acronyms and notational conventions
2.1
List of terms
Table 1.
List of terms
Acronyms
Definitions
AFI
Application Family Identifier
CRC
Cyclic Redundancy Check
CPU
Central Processing Unit
DAC
Digital to Analog Converter
DSFID
Data Storage Format IDentifier
EEPROM
Electrically Erasable Programmable Read-Only Memory
EOF
End Of Frame
HFO
High Frequency Oscillator
IC
Integrated Circuit
IEC
International Electrotechnical Commission
ISO
International Organization for Standardization
FIFO
First In First Out
LRI
Long Range Interface
LSB
Least Significant Bit
M24LR64-R
Dual interface EEPROM (I2C & RF) with 64-kbit memory size
M24LR16-E
Dual interface EEPROM (I2C & RF) with 16-kbit memory size and energy
harvesting functionality
MCU
Microcontroller Unit
MSB
Most Significant Bit
NFC
Near Field Communication
POR
Power On Reset
RTC
Real Time Clock
RF
Radio Frequency
RFU
Reserved for Future Use
RFID
Radio Frequency Identification
STVD
ST Visual Develop
UID
Unique Identifier
Write_DO_Cfg
Write Digital Output Configuration (M24LRxx-E command)
Write_EH_Cfg
Write Energy Harvesting Configuration (M24LRxx-E command)
XOR
eXclusive OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com