| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3985 bảng dữ liệu(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3985 bảng dữ liệu(HTML) 69 Page - STMicroelectronics |
|
69 / 105 page ![]() AN3985 M24LRxx layer Doc ID 022255 Rev 2 69/105 7.3.1 M24LRxx command functions This chapter describes the specific M24LRxx layer functions. M24LRxx_Get_Multiple_Blocks_ Security_Status New functions Sends a GetMultiple BlocksSecurityStatus command M24LRxx_Write_Sector_Password New functions Sends A WriteSectorPassword command M24LRxx_Lock_Sector_Password New functions Sends a LockSectorPassword command M24LRxx_Present_Sector_Password New functions Sends a PresentSectorPassword command M24LRxx_Fast_Read_Single_Block New functions Sends a FastReadSingleBlock command M24LRxx_Fast_Inventory_Initia ted New function Sends a FastInventoryInitiated M24LRxx_Fast_Initiate New function Sends a FastInitiate command M24LRxx_Fast_Read_Multiple_Bl ock New function Sends a FastReadMultipleBlock command M24LRxx_Inventory_Initiated New function Sends a InventoryInitiated command M24LRxx_Initiate New function Sends a Initiate command M24LRxx_ReadCfg New function (1) Sends a ReadCfg command M24LRxx_WriteEHCfg Sends a WriteEHCfg command M24LRxx_SetRstEHEn Sends a SetRstEHen command M24LRxx_CheckEHEn Sends a CheckEHEn command M24LRxx_WriteDOCfg Sends a WriteDOCfg command 1. Commands specific to M24LRxx-E device. These commands manage the energy harvesting feature. Table 115. Relationship between M24LRxx and ISO/IEC 15693 layer Function name New or equivalent function Brief description |