| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3307 bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3307 bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 37 page ![]() AN3307 Class B solution structure Doc ID 18186 Rev 4 35/37 Figure 21. Fault coupling principle used at partial RAM runtime self-test Note: Scrambling of physical addresses is respected in both ascending and descending tests, if applicable. Note: Steps 2 and 3 are skipped when the March X algorithm is used. D0' D1' D2' D3’ D4' D5' D1 D4* D3* D2 D5 D1 D4* D3* D2 D5 D4 D1* D2* D3 D0 D5* Step n Step n+1 Step n 1 Tested area Overlap Overlap Storage buffer D0* D1 D4* D3* D2 D5 D0' D1' D2' D3’ D4' D5' D0* D1 D4* D3* D2 D5 D0' D1' D2' D3’ D4' D5' Phase I - STORE Phase III - RESTORE Ascending Test Descending Test ….. D0* D0* D0' D1' D2' D4' D5' D0' D1' D2' D’3’ D4' D5' MS18904V1 TEST TEST* TEST TEST* TEST* TEST Phase II - Test D3’ + Table 4. March C- phases in RAM partial test March phase Partial bytes test over the block Address order Initial Write 0x00 pattern Increasing 1 Test 0x00 pattern, write 0xFF pattern Increasing 2 Test 0xFF pattern, write 0x00 pattern Increasing 3 Test 0x00 pattern, write 0xFF pattern Decreasing 4 Test 0xFF pattern, write 0x00 pattern Decreasing 5 Test 0x00 pattern Decreasing |