công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3137 bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện AN3137
Giải thích chi tiết về linh kiện  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 32Page - STMicroelectronics AN3137 Datasheet HTML 33Page - STMicroelectronics AN3137 Datasheet HTML 34Page - STMicroelectronics AN3137 Datasheet HTML 35Page - STMicroelectronics AN3137 Datasheet HTML 36Page - STMicroelectronics AN3137 Datasheet HTML 37Page - STMicroelectronics AN3137 Datasheet HTML 38Page - STMicroelectronics AN3137 Datasheet HTML 39Page - STMicroelectronics AN3137 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Conclusion
AN3137
36/42
Doc ID 16983 Rev 3
5
Conclusion
The ADC in the STM8L/STM8AL microcontroller families is a standard ADC converter with
various operation modes and settings which are described in this document.
This ADC can have common errors. To minimize these errors and improve precision, the
main methods and application design rules have been described. You can apply these
methods to your application.
The choice of method depends on the application requirements and is always a compromise
between speed/precision, enough computation power and design topology. The published
methods lead to a precision improvement and are optimized for the design of an ADC
converter using the SAR (successive approximation register) principle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42