công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3137 bảng dữ liệu(PDF) 33 Page - STMicroelectronics

tên linh kiện AN3137
Giải thích chi tiết về linh kiện  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 bảng dữ liệu(HTML) 33 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 29Page - STMicroelectronics AN3137 Datasheet HTML 30Page - STMicroelectronics AN3137 Datasheet HTML 31Page - STMicroelectronics AN3137 Datasheet HTML 32Page - STMicroelectronics AN3137 Datasheet HTML 33Page - STMicroelectronics AN3137 Datasheet HTML 34Page - STMicroelectronics AN3137 Datasheet HTML 35Page - STMicroelectronics AN3137 Datasheet HTML 36Page - STMicroelectronics AN3137 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AN3137
Methods for precision improvement
Doc ID 16983 Rev 3
33/42
4.4.4
Source of described problem - ADC design
The following sections list some possible causes for the charging of the internal sampling
capacitor Csh. This is not an exhaustive list; only the main possible sources of the ADC
design are listed.
Parasitic switch capacitance effect
The sampling switch inside ADC sampling circuit (see Figure 14) is not ideal. In reality the
sample and hold switch (S1) is designed as 2 transistors (PMOS and NMOS):
Figure 18.
Implementation of sampling switch
The switch is controlled by the gate voltages of transistors (inverted signal on PMOS
transistor). This design is a standard bidirectional switch (for rail to rail range of input Uin
voltages).
Both transistors have parasitic capacitances between gate and source. If those
capacitances are charged (close to the switch), then their charge can be transferred to the
sampling capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42